Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB90347CE Datasheet HTML 1Page - fujitsu semiconductor MB90347CE Datasheet HTML 2Page - fujitsu semiconductor MB90347CE Datasheet HTML 3Page - fujitsu semiconductor MB90347CE Datasheet HTML 4Page - fujitsu semiconductor MB90347CE Datasheet HTML 5Page - fujitsu semiconductor MB90347CE Datasheet HTML 6Page - fujitsu semiconductor MB90347CE Datasheet HTML 7Page - fujitsu semiconductor MB90347CE Datasheet HTML 8Page - fujitsu semiconductor MB90347CE Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MB90340E Series
5
(Continued)
Part Number
Parameter
MB90V340E-101,
MB90V340E-102
MB90F342E(S), MB90F342CE(S),
MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S),
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S),
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
A/D Converter
24 input channels
Devices with a C suffix in the part number
: 24 channels
Devices without a C suffix in the part number : 16 channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs include sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function
16-bit I/O Timer
(2 channels)
Generates an interrupt signal on overflow
Supports Timer Clear when the output compare finds a match
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock freq.)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1/2/3, OCU 0/1/2/3
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7
16-bit Output
Compare
(8 channels)
Generates an interrupt signal when one of the 16-bit I/O timer matches the output compare
register
A pair of compare registers can be used to generate an output signal.
16-bit Input Capture
(8 channels)
Rising edge, falling edge or rising & falling edge sensitive
Signals an interrupt upon external event
8/16-bit
Programmable
Pulse Generator
8 channels (16-bit) /16 channels (8-bit)
Sixteen 8-bit reload counters
Sixteen 8-bit reload registers for L pulse width
Sixteen 8-bit reload registers for H pulse width
Supports 8-bit and 16-bit operation modes
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler plus 8-bit reload counter
Operating clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= Machine clock frequency, fosc = Oscillation clock frequency)
CAN Interface
3 channels
2 channels :
MB90F342E(S), MB90F342CE(S),
MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S)
1 channel :
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
2 channels :
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S)
1 channel :
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
Conforms to CAN Specification Version 2.0 Part A and B
Automatic re-transmission in case of error
Automatic transmission in response to Remote Frames
Prioritized 16 message buffers for data and ID’s
Supports multiple messages
Flexible configuration of acceptance filtering :
Full bit compare/Full bit mask/Two partial bit masks
Supports up to 1 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com