Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 69 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 69 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 65Page - fujitsu semiconductor MB90347CE Datasheet HTML 66Page - fujitsu semiconductor MB90347CE Datasheet HTML 67Page - fujitsu semiconductor MB90347CE Datasheet HTML 68Page - fujitsu semiconductor MB90347CE Datasheet HTML 69Page - fujitsu semiconductor MB90347CE Datasheet HTML 70Page - fujitsu semiconductor MB90347CE Datasheet HTML 71Page - fujitsu semiconductor MB90347CE Datasheet HTML 72Page - fujitsu semiconductor MB90347CE Datasheet HTML 73Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
MB90340E Series
69
8.
Flash Memory Program/Erase Characteristics
* : This value was converted from the results of evaluating the reliability of the technology (using Arrhenius equation
to translate high temperature measurements into normalized value at
+85 °C) .
Parameter
Conditions
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
TA
= +25 °C
VCC
= 5.0 V
⎯
115
s
Excludes programming
prior to erasure
Chip erase time
⎯
9
⎯
s
Excludes programming
prior to erasure
Word (16-bit width)
programming time
⎯
16
3600
µs
Except for the over head
time of the system
Program/Erase cycle
⎯
10000
⎯⎯
cycle
Flash Data Retention
Time
Average
TA
= +85 °C
20
⎯⎯
year
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com