Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 61 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 61 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 57Page - fujitsu semiconductor MB90347CE Datasheet HTML 58Page - fujitsu semiconductor MB90347CE Datasheet HTML 59Page - fujitsu semiconductor MB90347CE Datasheet HTML 60Page - fujitsu semiconductor MB90347CE Datasheet HTML 61Page - fujitsu semiconductor MB90347CE Datasheet HTML 62Page - fujitsu semiconductor MB90347CE Datasheet HTML 63Page - fujitsu semiconductor MB90347CE Datasheet HTML 64Page - fujitsu semiconductor MB90347CE Datasheet HTML 65Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
MB90340E Series
61
(9) UART0/1/2/3/4
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Notes :
• AC characteristic CLK synchronized mode.
• CL is the value of the load capacitance applied to the pins during testing.
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK4
Internal clock
operation output
pins are
CL
= 80 pF + 1 TTL
8 tCP
⎯
ns
SCK
↓ → SOT delay time
tSLOV
SCK0 to SCK4,
SOT0 to SOT4
− 80
+ 80
ns
Valid SIN
→ SCK ↑
tIVSH
SCK0 to SCK4,
SIN0 to SIN4
100
⎯
ns
SCK
↑ → Valid SIN hold time
tSHIX
SCK0 to SCK4,
SIN0 to SIN4
60
⎯
ns
Serial clock “H” pulse width
tSHSL
SCK0 to SCK4
External clock
operation output
pins are
CL
= 80 pF + 1 TTL
4 tCP
⎯
ns
Serial clock “L” pulse width
tSLSH
SCK0 to SCK4
4 tCP
⎯
ns
SCK
↓ → SOT delay time
tSLOV
SCK0 to SCK4,
SOT0 to SOT4
⎯
150
ns
Valid SIN
→ SCK ↑
tIVSH
SCK0 to SCK4,
SIN0 to SIN4
60
⎯
ns
SCK
↑ → Valid SIN hold time
tSHIX
SCK0 to SCK4,
SIN0 to SIN4
60
⎯
ns
Internal Shift Clock Mode
SCK0 to SCK4
2.4 V
tSCYC
0.8 V
SOT0 to SOT4
0.8 V
2.4 V
0.8 V
tSLOV
SIN0 to SIN4
VIL
VIH
tIVSH
VIL
VIH
tSHIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com