Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 50 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 50 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 46Page - fujitsu semiconductor MB90347CE Datasheet HTML 47Page - fujitsu semiconductor MB90347CE Datasheet HTML 48Page - fujitsu semiconductor MB90347CE Datasheet HTML 49Page - fujitsu semiconductor MB90347CE Datasheet HTML 50Page - fujitsu semiconductor MB90347CE Datasheet HTML 51Page - fujitsu semiconductor MB90347CE Datasheet HTML 52Page - fujitsu semiconductor MB90347CE Datasheet HTML 53Page - fujitsu semiconductor MB90347CE Datasheet HTML 54Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
MB90340E Series
50
2.
Recommended Operating Conditions
(VSS
= AVSS = 0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VCC,
AVCC
4.0
5.0
5.5
V
Under normal operation
3.5
5.0
5.5
V
Under normal operation, when not using
the A/D converter and not Flash
programming.
4.5
5.0
5.5
V
When External bus is used.
3.0
⎯
5.5
V
Maintains RAM data in stop mode
Smoothing capacitor
CS
0.1
⎯
1.0
µF
Use a ceramic capacitor or capacitor of
better AC characteristics. Capacitor at
the VCC should be greater than this
capacitor.
Operating temperature
TA
−40
⎯+105
°C
C
CS
C Pin Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com