Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 68 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 68 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 64Page - fujitsu semiconductor MB90347CE Datasheet HTML 65Page - fujitsu semiconductor MB90347CE Datasheet HTML 66Page - fujitsu semiconductor MB90347CE Datasheet HTML 67Page - fujitsu semiconductor MB90347CE Datasheet HTML 68Page - fujitsu semiconductor MB90347CE Datasheet HTML 69Page - fujitsu semiconductor MB90347CE Datasheet HTML 70Page - fujitsu semiconductor MB90347CE Datasheet HTML 71Page - fujitsu semiconductor MB90347CE Datasheet HTML 72Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
MB90340E Series
68
7.
Notes on A/D Converter Section
Use the device with external circuits of the following output impedance for analog inputs :
Recommended output impedance of external circuits are : Approx. 1.5 k
Ω or lower (4.0 V ≤ AVCC ≤ 5.5 V,
sampling period
= 0.5 µs)
If an external capacitor is used, in consideration of the capacitive voltage dividing effect between the external
capacitor and the internal on-chip capacitor, it is recommended that the capacitance of the external capacitor
be several thousand times greater than the capacitance of the internal capacitor.
If the output impedance of the external circuit is too high, a sampling period for an analog voltage may be
insufficient.
C
Comparator
Analog input
R
4.5 V
≤ AVCC ≤ 5.5 V : R := 2.52 kΩ, C := 10.7 pF
4.0 V
≤ AVCC < 4.5 V : R := 13.6 kΩ, C := 10.7 pF
• Analog input circuit model
Note : Use the values in the figure only as a guideline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com