Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 56 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 56 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 52Page - fujitsu semiconductor MB90347CE Datasheet HTML 53Page - fujitsu semiconductor MB90347CE Datasheet HTML 54Page - fujitsu semiconductor MB90347CE Datasheet HTML 55Page - fujitsu semiconductor MB90347CE Datasheet HTML 56Page - fujitsu semiconductor MB90347CE Datasheet HTML 57Page - fujitsu semiconductor MB90347CE Datasheet HTML 58Page - fujitsu semiconductor MB90347CE Datasheet HTML 59Page - fujitsu semiconductor MB90347CE Datasheet HTML 60Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
MB90340E Series
56
(3) Power On Reset
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0.0 V)
(4) Clock Output Timing
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Power on rise time
tR
VCC
⎯
0.05
30
ms
Power off time
tOFF
VCC
1
⎯
ms
Due to repetitive operation
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
⎯
62.5
⎯
ns
fCP
= 16 MHz
41.76
⎯
ns
fCP
= 24 MHz
CLK
↑ → CLK ↓
tCHCL
CLK
⎯
20
⎯
ns
fCP
= 16 MHz
13
⎯
ns
fCP
= 24 MHz
VCC
VCC
VSS
3 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
Holds RAM data
If you change the power supply voltage too rapidly, a power on reset may occur.
We recommend that you startup smoothly by restraining voltages when changing
the power supply voltage during operation, as shown in the figure below. Perform
while not using the PLL clock. However, if voltage drops are within 1 V/s, you can
operate while using the PLL clock.
We recommend a rise of
50 mV/ms maximum.
CLK
2.4 V
tCYC
2.4 V
0.8 V
tCHCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com