Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 29Page - fujitsu semiconductor MB90347CE Datasheet HTML 30Page - fujitsu semiconductor MB90347CE Datasheet HTML 31Page - fujitsu semiconductor MB90347CE Datasheet HTML 32Page - fujitsu semiconductor MB90347CE Datasheet HTML 33Page - fujitsu semiconductor MB90347CE Datasheet HTML 34Page - fujitsu semiconductor MB90347CE Datasheet HTML 35Page - fujitsu semiconductor MB90347CE Datasheet HTML 36Page - fujitsu semiconductor MB90347CE Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
MB90340E Series
33
(Continued)
Address
Register
Abbreviation Access
Resource name
Initial value
0000C4H,
0000C5H
Reserved
0000C6H External Interrupt Enable 0
ENIR0
R/W
External Interrupt 0
00000000B
0000C7H External Interrupt Source 0
EIRR0
R/W
XXXXXXXXB
0000C8H External Interrupt Level Setting 0
ELVR0
R/W
00000000B
0000C9H External Interrupt Level Setting 0
ELVR0
R/W
00000000B
0000CAH External Interrupt Enable 1
ENIR1
R/W
External Interrupt 1
00000000B
0000CBH External Interrupt Source 1
EIRR1
R/W
XXXXXXXXB
0000CCH External Interrupt Level Setting 1
ELVR1
R/W
00000000B
0000CDH External Interrupt Level Setting 1
ELVR1
R/W
00000000B
0000CEH External Interrupt Source Select
EISSR
R/W
00000000B
0000CFH PLL/Sub clock Control Register
PSCCR
W
PLL
XXXX0000B
0000D0H DMA Buffer Address Pointer L Register
BAPL
R/W
DMA
XXXXXXXXB
0000D1H DMA Buffer Address Pointer M Register
BAPM
R/W
XXXXXXXXB
0000D2H DMA Buffer Address Pointer H Register
BAPH
R/W
XXXXXXXXB
0000D3H DMA Control Register
DMACS
R/W
XXXXXXXXB
0000D4H
I/O Register Address Pointer L
Register
IOAL
R/W
XXXXXXXXB
0000D5H
I/O Register Address Pointer H
Register
IOAH
R/W
XXXXXXXXB
0000D6H Data Counter L Register
DCTL
R/W
XXXXXXXXB
0000D7H Data Counter H Register
DCTH
R/W
XXXXXXXXB
0000D8H Serial Mode Register 2
SMR2
W,R/W
UART2
00000000B
0000D9H Serial Control Register 2
SCR2
W,R/W
00000000B
0000DAH
Reception/Transmission Data
Register 2
RDR2/TDR2
R/W
00000000B
0000DBH Serial Status Register 2
SSR2
R,R/W
00001000B
0000DCH
Extended Communication Control
Register 2
ECCR2
R,W,
R/W
000000XXB
0000DDH Extended Status Control Register 2
ESCR2
R/W
00000100B
0000DEH Baud Rate Generator Register 20
BGR20
R/W
00000000B
0000DFH Baud Rate Generator Register 21
BGR21
R/W
00000000B
0000E0H
to
0000EFH
Reserved for CAN Controller 2. Refer to “
■ CAN CONTROLLERS”
0000F0H
to
0000FFH
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com