Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 20Page - fujitsu semiconductor MB90347CE Datasheet HTML 21Page - fujitsu semiconductor MB90347CE Datasheet HTML 22Page - fujitsu semiconductor MB90347CE Datasheet HTML 23Page - fujitsu semiconductor MB90347CE Datasheet HTML 24Page - fujitsu semiconductor MB90347CE Datasheet HTML 25Page - fujitsu semiconductor MB90347CE Datasheet HTML 26Page - fujitsu semiconductor MB90347CE Datasheet HTML 27Page - fujitsu semiconductor MB90347CE Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
MB90340E Series
24
13. Stabilization of power supply voltage
A sudden change in the supply voltage may cause the device to malfunction even within the VCC supply voltage
operating range. Therefore, the VCC supply voltage should be stabilized. For reference, the supply voltage should
be controlled so that VCC ripple variations (peak- to-peak values) at commercial frequencies (50 MHz/60 MHz)
fall below 10
% of the standard VCC supply voltage and the coefficient of fluctuation does not exceed 0.1 V/ms at
instantaneous power switching.
14. Port 0 to Port 3 Output During Power-on (External-bus Mode)
As shown below, when the power is turned on in External-Bus mode, there is a possibility that output signal of
Port 0 to Port 3 might be unstable irrespective of the reset input.
15. Notes on Using the CAN Function
To use the CAN function, please set the DIRECT bit of the CAN Direct Mode Register (CDMR) to 1.
16. Flash Security Function (except for MB90F346E)
A security bit is located in the area of the flash memory.
If protection code 01H is written in the security bit, the flash memory is in the protected state by security.
Therefore please do not write 01H in this address if you do not use the security function.
Refer to following table for the address of the security bit.
Flash memory size
Address of the security bit
MB90F347E
Embedded 1 Mbit Flash Memory
FE0001H
MB90F342E
MB90F349E
Embedded 2 Mbits Flash Memory
FC0001H
MB90F343E
Embedded 3 Mbits Flash Memory
F90001H
MB90F345E
Embedded 4 Mbits Flash Memory
F80001H
Port0 to Port3 outputs
might be unstable
Port0 to Port3 outputs = Hi-Z
Port0 to Port3
VCC
1/2VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com