Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 65 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 65 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 61Page - fujitsu semiconductor MB90347CE Datasheet HTML 62Page - fujitsu semiconductor MB90347CE Datasheet HTML 63Page - fujitsu semiconductor MB90347CE Datasheet HTML 64Page - fujitsu semiconductor MB90347CE Datasheet HTML 65Page - fujitsu semiconductor MB90347CE Datasheet HTML 66Page - fujitsu semiconductor MB90347CE Datasheet HTML 67Page - fujitsu semiconductor MB90347CE Datasheet HTML 68Page - fujitsu semiconductor MB90347CE Datasheet HTML 69Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
MB90340E Series
65
5.
A/D Converter
(TA
= −40 °C to +105 °C, 3.0 V ≤ AVRH − AVRL, VCC = AVCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
*: If the A/D convertor is not operating, a current when CPU is stopped is applicable (VCC
= AVCC = AVRH = 5.0 V) .
Note: The accuracy gets worse as |AVRH
− AVRL| becomes smaller.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
⎯
⎯
10
bit
Total error
⎯⎯
⎯
⎯
±3.0
LSB
Nonlinearity error
⎯⎯
⎯
⎯
±2.5
LSB
Differential
nonlinearity error
⎯⎯
⎯
⎯
±1.9
LSB
Zero reading
voltage
VOT
AN0 to AN23 AVRL
− 1.5 AVRL + 0.5 AVRL + 2.5 LSB
Full scale reading
voltage
VFST
AN0 to AN23 AVRH
− 3.5 AVRH − 1.5 AVRH + 0.5 LSB
Compare time
⎯⎯
1.0
⎯
16500
µs
4.5 V
≤ AVCC ≤ 5.5 V
2.0
4.0 V
≤ AVCC < 4.5 V
Sampling time
⎯⎯
0.5
⎯
∞
µs
4.5 V
≤ AVCC ≤ 5.5 V
1.2
4.0 V
≤ AVCC < 4.5 V
Analog port input
current
IAIN
AN0 to AN23
−0.3
⎯+0.3
µA
Analog input
voltage range
VAIN
AN0 to AN23
AVRL
⎯
AVRH
V
Reference
voltage range
⎯
AVRH
AVRL
+ 2.7
⎯
AVCC
V
⎯
AVRL
0
⎯
AVRH
− 2.7
V
Power supply
current
IA
AVCC
⎯
3.5
7.5
mA
IAH
AVCC
⎯⎯
5
µA*
Reference
voltage current
IR
AVRH
⎯
600
900
µA
IRH
AVRH
⎯⎯
5
µA*
Offset between
input channels
⎯
AN0 to AN23
⎯⎯
4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com