Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 10Page - fujitsu semiconductor MB90347CE Datasheet HTML 11Page - fujitsu semiconductor MB90347CE Datasheet HTML 12Page - fujitsu semiconductor MB90347CE Datasheet HTML 13Page - fujitsu semiconductor MB90347CE Datasheet HTML 14Page - fujitsu semiconductor MB90347CE Datasheet HTML 15Page - fujitsu semiconductor MB90347CE Datasheet HTML 16Page - fujitsu semiconductor MB90347CE Datasheet HTML 17Page - fujitsu semiconductor MB90347CE Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
MB90340E Series
14
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
33
31
AVRH
L
Reference voltage input pin for the A/D Converter. This power
supply must be turned on or off while a voltage higher than or
equal to AVRH is applied to AVCC.
34
32
AVRL
K
Lower reference voltage input pin for the A/D Converter
35
33
AVSS
K
Analog GND pin for the A/D Converter
36 to 43
34 to 41
P60 to P67
I
General purpose I/O pins.
AN0 to AN7
Analog input pins for the A/D converter
PPG0, 2, 4, 6,
8, A, C, E
Output pins for PPGs
44
42
VSS
⎯
GND pin
45 to 50
43 to 48
P70 to P75
I
General purpose I/O pins.
AN16 to AN21
Analog input pins for the A/D converter (devices with a C suffix
in the part number)
INT0 to INT5
External interrupt request input pins
51
49
MD2
D
Input pin for specifying the operating mode.
52, 53
50, 51
MD1, MD0
C
Input pins for specifying the operating mode.
54
52
RST
E
Reset input pin
55, 56
53, 54
P76, P77
I
General purpose I/O pins.
AN22, AN23
Analog input pins for the A/D converter (devices with a C suffix
in the part number)
INT6, INT7
External interrupt request input pins
57
55
P80
F
General purpose I/O pin.
TIN0
Event input pin for the reload timer
ADTG
Trigger input pin for the A/D converter
INT12R
External interrupt request input pin
58
56
P81
F
General purpose I/O pin.
TOT0
Output pin for the reload timer
CKOT
Output pin for the clock monitor
INT13R
External interrupt request input pin
59
57
P82
M
General purpose I/O pin.
SIN0
Serial data input pin for UART0
TIN2
Event input pin for the reload timer
INT14R
External interrupt request input pin
60
58
P83
F
General purpose I/O pin.
SOT0
Serial data output pin for UART0
TOT2
Output pin for the reload timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com