Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 77 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 77 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 73Page - fujitsu semiconductor MB90347CE Datasheet HTML 74Page - fujitsu semiconductor MB90347CE Datasheet HTML 75Page - fujitsu semiconductor MB90347CE Datasheet HTML 76Page - fujitsu semiconductor MB90347CE Datasheet HTML 77Page - fujitsu semiconductor MB90347CE Datasheet HTML 78Page - fujitsu semiconductor MB90347CE Datasheet HTML 79Page - fujitsu semiconductor MB90347CE Datasheet HTML 80Page - fujitsu semiconductor MB90347CE Datasheet HTML 81Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
MB90340E Series
77
• I/O characteristics
(VCC
−VOH) − IOH
VOL
− IOL
TA
= +25 °C, VCC = 4.5 V
TA
= +25 °C, VCC = 4.5 V
Automotive VIN
− VCC
CMOS VIN
− VCC
TA
= +25 °C
Other than UART-SIN pin and I2C pin
TA
= +25 °C
TTL VIN
− VCC
CMOS VIN
− VCC
TA
= +25 °C
UART-SIN pin, I2C pin
TA
= +25 °C
800
300
100
200
IOH (mA)
0
400
500
600
024
7
10
700
13
6
58
9
1000
300
100
200
IOL (mA)
0
400
500
600
900
700
800
024
7
10
13
6
58
9
5.0
1.5
0.5
1.0
VCC (V)
0.0
2.0
3.0
3.5
2.5
2.5
3.5
4.5
5.5
6.5
3.0
4.0
5.0
6.0
7.0
4.0
4.5
VIHA
VILA
5.0
2.5
1.5
2.0
VCC (V)
0.0
3.0
4.0
2.5
3.5
4.5
5.5
6.5
4.5
3.5
1.0
0.5
VIHS
VILS
3.0
4.0
5.0
6.0
7.0
2.5
0.8
0.3
0.5
VCC (V)
0.0
1.0
2.0
2.5
3.5
4.5
5.5
6.5
2.3
1.5
1.3
1.8
3.0
4.0
5.0
6.0
7.0
VIHT
VILT
5.0
2.5
0.5
1.0
VCC (V)
0.0
3.0
4.0
4.5
3.5
1.5
2.0
2.5
3.5
4.5
5.5
6.5
3.0
4.0
5.0
6.0
7.0
VIHS
VILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com