Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 81 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 81 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 76Page - fujitsu semiconductor MB90347CE Datasheet HTML 77Page - fujitsu semiconductor MB90347CE Datasheet HTML 78Page - fujitsu semiconductor MB90347CE Datasheet HTML 79Page - fujitsu semiconductor MB90347CE Datasheet HTML 80Page - fujitsu semiconductor MB90347CE Datasheet HTML 81Page - fujitsu semiconductor MB90347CE Datasheet HTML 82Page - fujitsu semiconductor MB90347CE Datasheet HTML 83Page - fujitsu semiconductor MB90347CE Datasheet HTML 84Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
MB90340E Series
81
■ PACKAGE DIMENSIONS
Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/fj/DATASHEET/ef-ovpklv.html
(Continued)
100-pin plastic LQFP
Lead pitch
0.50 mm
Package width
×
package length
14.0
× 14.0 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.65g
Code
(Reference)
P-LFQFP100-14
×14-0.50
100-pin plastic LQFP
(FPT-100P-M05)
(FPT-100P-M05)
C
2003 FUJITSU LIMITED F100007S-c-4-6
14.00±0.10(.551±.004)SQ
16.00±0.20(.630±.008)SQ
125
26
51
76
50
75
100
0.50(.020)
0.20±0.05
(.008±.002)
M
0.08(.003)
0.145±0.055
(.0057±.0022)
0.08(.003)
"A"
INDEX
.059 –.004
+.008
–0.10
+0.20
1.50
(Mounting height)
0˚~8˚
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.25(.010)
0.10±0.10
(.004±.004)
Details of "A" part
(Stand off)
*
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com