Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 67 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 67 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 63Page - fujitsu semiconductor MB90347CE Datasheet HTML 64Page - fujitsu semiconductor MB90347CE Datasheet HTML 65Page - fujitsu semiconductor MB90347CE Datasheet HTML 66Page - fujitsu semiconductor MB90347CE Datasheet HTML 67Page - fujitsu semiconductor MB90347CE Datasheet HTML 68Page - fujitsu semiconductor MB90347CE Datasheet HTML 69Page - fujitsu semiconductor MB90347CE Datasheet HTML 70Page - fujitsu semiconductor MB90347CE Datasheet HTML 71Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
MB90340E Series
67
(Continued)
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVRL
AVRH
AVRL
AVRH
(N
+ 1)H
NH
(N
− 1)H
(N
− 2)H
VOT (actual measurement value)
{1 LSB
× (N − 1)
+ VOT }
Actual conversion
characteristics
VFST (actual
measurement
value)
VNT (actual
measurement value)
Actual conversion
characteristics
Ideal characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Ideal
characteristics
Analog input
Analog input
VNT
(actual measurement value)
V (N + 1) T
(actual measurement
value)
Non linearity error
Differential linearity error
Non linearity error of digital output N
=
VNT
− {1 LSB × (N − 1) + VOT}
1 LSB
[LSB]
Differential linearity error of digital output N
=
V (N+1) T
− VNT
1 LSB
−1 LSB [LSB]
VFST
− VOT
1022
[V]
1 LSB
=
N
: Value of the digital output from the A/D converter
VOT : Voltage at which digital output transits from “000H” to “001H.”
VFST : Voltage at which digital output transits from “3FEH” to “3FFH.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com