Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 2Page - fujitsu semiconductor MB90347CE Datasheet HTML 3Page - fujitsu semiconductor MB90347CE Datasheet HTML 4Page - fujitsu semiconductor MB90347CE Datasheet HTML 5Page - fujitsu semiconductor MB90347CE Datasheet HTML 6Page - fujitsu semiconductor MB90347CE Datasheet HTML 7Page - fujitsu semiconductor MB90347CE Datasheet HTML 8Page - fujitsu semiconductor MB90347CE Datasheet HTML 9Page - fujitsu semiconductor MB90347CE Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
MB90340E Series
6
(Continued)
*1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual for details.
*2 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Part Number
Parameter
MB90V340E-101,
MB90V340E-102
MB90F342E(S), MB90F342CE(S),
MB90F343E(S), MB90F343CE(S),
MB90F345E(S), MB90F345CE(S),
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S),
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
External Interrupt
(16 channels)
Can be used rising edge, falling edge, starting up by H/L level input, external interrupt,
expanded intelligent I/O services (EI2OS) and DMA
D/A Converter
2 channels
⎯
Sub clock
(maximum 100 kHz)
Only for
MB90V340E-102
Devices with sub clock : devices without an S suffix in the part number
Devices without sub clock : devices with an S suffix in the part number
I/O Ports
Virtually all external pins can be used as general purpose I/O port
All ports are push-pull outputs
Bit-wise settable as input/output or peripheral signal
Can be configured 8 as CMOS schmitt trigger/ automotive inputs (in blocks of 8 pins)
TTL input level settable for external bus (32-pin only for external bus)
Flash Memory
⎯
Supports automatic programming, Embedded AlgorithmTM*2
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles : 10000 cycles
Data retention time : 20 years
Boot block configuration
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash (except
for MB90F346E(S) and MB90F346CE (S) )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com