Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 12Page - fujitsu semiconductor MB90347CE Datasheet HTML 13Page - fujitsu semiconductor MB90347CE Datasheet HTML 14Page - fujitsu semiconductor MB90347CE Datasheet HTML 15Page - fujitsu semiconductor MB90347CE Datasheet HTML 16Page - fujitsu semiconductor MB90347CE Datasheet HTML 17Page - fujitsu semiconductor MB90347CE Datasheet HTML 18Page - fujitsu semiconductor MB90347CE Datasheet HTML 19Page - fujitsu semiconductor MB90347CE Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
MB90340E Series
16
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
86
84
P11
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD09
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
TOT1
Output pin for the reload timer
87
85
P12
N
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD10
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
SIN3
Serial data input pin for UART3
INT11R
External interrupt request input pin
88
86
P13
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD11
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
SOT3
Serial data output pin for UART3
89
87
P14
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD12
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
SCK3
Clock I/O pin for UART3
90
88
VCC
⎯
Power (3.5 V to 5.5 V) input pin
91
89
VSS
⎯
GND pin
92
90
X1
A
Main clock output pin
93
91
X0
Main clock input pin
94
92
P15
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD13
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.
95
93
P16
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD14
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com