Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 66 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 66 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 62Page - fujitsu semiconductor MB90347CE Datasheet HTML 63Page - fujitsu semiconductor MB90347CE Datasheet HTML 64Page - fujitsu semiconductor MB90347CE Datasheet HTML 65Page - fujitsu semiconductor MB90347CE Datasheet HTML 66Page - fujitsu semiconductor MB90347CE Datasheet HTML 67Page - fujitsu semiconductor MB90347CE Datasheet HTML 68Page - fujitsu semiconductor MB90347CE Datasheet HTML 69Page - fujitsu semiconductor MB90347CE Datasheet HTML 70Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
MB90340E Series
66
6.
Definition of A/D Converter Terms
(Continued)
Resolution
: Analog variation that is recognized by the A/D converter.
Non linearity
error
: The deviation between the actual conversion characteristics and a line that joins the
zero-transition line ( “00 0000 0000”
← → “00 0000 0001” ) to the full-scale transition line
( “11 1111 1110”
← → “11 1111 1111” ) .
Differential
linearity error
: Deviation of input voltage, which is required for changing output code by 1 LSB, from an
ideal value.
Total error
: Difference between the actual value and the ideal value. The total error includes zero
transition error, full-scale transition error, and linear error.
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVRL
AVRH
VNT
1.5 LSB
0.5 LSB
{1 LSB
× (N − 1) + 0.5 LSB}
Actual conversion
characteristics
(Actually-measured value)
Actual conversion
characteristics
Ideal characteristics
Analog input
Total error
Total error of digital output “N”
=
VNT
− {1 LSB × (N − 1) + 0.5 LSB}
1 LSB
[LSB]
1 LSB (Ideal value)
=
AVRH
− AVRL
1024
[V]
VOT (Ideal value)
= AVRL + 0.5 LSB [V]
VFST (Ideal value)
= AVRH − 1.5 LSB [V]
VNT : A voltage at which the digital output transitions from (N
− 1)H to NH.
N : Value of the digital output from the A/D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com