Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 72 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 72 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 68Page - fujitsu semiconductor MB90347CE Datasheet HTML 69Page - fujitsu semiconductor MB90347CE Datasheet HTML 70Page - fujitsu semiconductor MB90347CE Datasheet HTML 71Page - fujitsu semiconductor MB90347CE Datasheet HTML 72Page - fujitsu semiconductor MB90347CE Datasheet HTML 73Page - fujitsu semiconductor MB90347CE Datasheet HTML 74Page - fujitsu semiconductor MB90347CE Datasheet HTML 75Page - fujitsu semiconductor MB90347CE Datasheet HTML 76Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
MB90340E Series
72
• MB90F349E, MB90F349ES, MB90F349CE, MB90F349CES
ICC
− VCC
ICCL
− VCC
TA
= +25 °C, external clock operation
f
= Internal operation frequency
TA
= +25 °C, external clock operation
f
= Internal operation frequency
ICCS
− VCC
ICCLS
− VCC
TA
= +25 °C, external clock operation
f
= Internal operation frequency
TA
= +25 °C, external clock operation
f
= Internal operation frequency
ICTS
− VCC
ICCT
− VCC
TA
= +25 °C, external clock operation
f
= Internal operation frequency
TA
= +25 °C, external clock operation
f
= Internal operation frequency
ICTSPLL6
− VCC
ICCH
− VCC
TA
= +25 °C, external clock operation
f
= Internal operation frequency
TA
= +25 °C, stopped
70
30
10
20
VCC (V)
0
40
50
60
2.5
3.5
4.5
5.5
6.5
f = 24 MHz
f = 20 MHz
f = 16 MHz
f = 12 MHz
f = 10 MHz
f = 8 MHz
f = 4 MHz
f = 2 MHz
100
30
10
20
VCC (V)
0
40
50
60
2.5
3.5
4.5
5.5
6.5
f = 8 kHz
90
70
80
35
15
5
10
VCC (V)
0
20
25
30
2.5
3.5
4.5
5.5
6.5
f = 24 MHz
f = 20 MHz
f = 16 MHz
f = 12 MHz
f = 10 MHz
f = 8 MHz
f = 4 MHz
f = 2 MHz
50
15
5
10
VCC (V)
0
20
30
40
2.5
3.5
4.5
5.5
6.5
f = 8 kHz
45
25
35
400
150
50
100
VCC (V)
0
200
300
2.5
3.5
4.5
5.5
6.5
f = 2 MHz
350
250
20
10
6
8
VCC (V)
0
12
16
2.5
3.5
4.5
5.5
6.5
f = 8 kHz
18
14
4
2
10
3
1
2
VCC (V)
0
4
8
2.5
3.5
4.5
5.5
6.5
f = 24 MHz
9
6
5
7
10
5
1
2
VCC (V)
0
6
8
2.5
3.5
4.5
5.5
6.5
9
7
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com