Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 8Page - fujitsu semiconductor MB90347CE Datasheet HTML 9Page - fujitsu semiconductor MB90347CE Datasheet HTML 10Page - fujitsu semiconductor MB90347CE Datasheet HTML 11Page - fujitsu semiconductor MB90347CE Datasheet HTML 12Page - fujitsu semiconductor MB90347CE Datasheet HTML 13Page - fujitsu semiconductor MB90347CE Datasheet HTML 14Page - fujitsu semiconductor MB90347CE Datasheet HTML 15Page - fujitsu semiconductor MB90347CE Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
MB90340E Series
12
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
97
P34
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or when the hold function is disabled.
HRQ
Hold request input pin. This function is enabled when both the
external bus and the hold function are enabled.
OUT4
Waveform output pin for output compare.
10
8
P35
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or when the hold function is disabled.
HAK
Hold acknowledge output pin. This function is enabled when
both the external bus and the hold function are enabled.
OUT5
Waveform output pin for output compare.
11
9
P36
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or when the external ready function is
disabled.
RDY
External ready input pin. This function is enabled when both the
external bus and the external ready function are enabled.
OUT6
Waveform output pin for output compare.
12
10
P37
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or when the clock output is disabled.
CLK
Clock output pin. This function is enabled when both the
external bus and clock output are enabled.
OUT7
Waveform output pin for output compare OCU7
13, 14
11, 12
P40, P41
F
General purpose I/O pins.
(devices with an S suffix in the part number and or
MB90V340E-101)
X0A , X1A
B
Oscillation pins for sub clock
(devices without an S suffix in the part number and or
MB90V340E-102)
15
13
VCC
⎯
Power (3.5 V to 5.5 V) input pin
16
14
VSS
⎯
GND pin
17
15
C
K
This is the power supply stabilization capacitor This pin should
be connected to a ceramic capacitor with a capacitance greater
than or equal to 0.1
µF.
18
16
P42
F
General purpose I/O pin.
IN6
Trigger input pin for input capture.
RX1
RX input pin for CAN1 Interface
(MB90341E/342E/F342E/F343E/F345E only)
INT9R
External interrupt request input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com