Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB90347CE Datasheet HTML 1Page - fujitsu semiconductor MB90347CE Datasheet HTML 2Page - fujitsu semiconductor MB90347CE Datasheet HTML 3Page - fujitsu semiconductor MB90347CE Datasheet HTML 4Page - fujitsu semiconductor MB90347CE Datasheet HTML 5Page - fujitsu semiconductor MB90347CE Datasheet HTML 6Page - fujitsu semiconductor MB90347CE Datasheet HTML 7Page - fujitsu semiconductor MB90347CE Datasheet HTML 8Page - fujitsu semiconductor MB90347CE Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
MB90340E Series
2
■ FEATURES
• CPU
• Instruction system best suited to controller
- Wide choice of data types (bit, byte, word, and long word)
- Wide choice of addressing modes (23 types)
- Enhanced functionality with signed multiply and divide instructions and the RETI instruction
- Enhanced high-precision computing with 32-bit accumulator
• Instruction system compatible with high-level language (C language) and multitask
- Employing system stack pointer
- Various enhanced pointer indirect instructions
- Barrel shift instructions
• Increased processing speed
- 4-byte instruction queue
• Serial interface
• UART (LIN/SCI) : up to 4 channels
- Equipped with full-duplex double buffer
- Clock-asynchronous or clock-synchronous serial transmission is available
•I2C interface* : up to 2 channels (only for devices with a C suffix in the part number)
- Up to 400 kbps transfer rate
• Interrupt controller
• Powerful 8-level, 34-condition interrupt feature
• Up to 16 external interrupts are supported
• Automatic data transfer function independent of CPU
- Expanded intelligent I/O service function (EI2OS) : up to 16 channels
• I/O ports
• General-purpose input/output port (CMOS output)
- 80 ports (for devices without an S suffix in the part number - i.e. devices that support the sub clock)
- 82 ports (for devices with an S suffix in the part number - i.e. devices that do not support the sub clock)
• 8/10-bit A/D converter
• 16 channels (only for devices without a C suffix in the part number)
• 24 channels (only for devices with a C suffix in the part number)
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time : 3
µs (at 24 MHz machine clock, including sampling time)
• Program patch function
• Detects address matches against 6 address pointers
• Timer
• Time-base timer, watch timer, watchdog timer : 1 channel
• 8/16-bit PPG timer : 8-bit
× 16 channels, or 16-bit × 8 channels
• 16-bit reload timer : 4 channels
• 16-bit input/output timer
- 16-bit free-run timer : 2 channels
(FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7)
- 16-bit input capture: (ICU): 8 channels
- 16-bit output compare: (OCU): 8 channels
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com