Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1828YRQZ-R7 Datasheet HTML 1Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 2Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 3Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADP1828
Rev. 0 | Page 3 of 32
SPECIFICATIONS
IN = 12 V, PV = VEN = VTRK = 5 V, SYNC = GND, unless otherwise specified. All limits at temperature extremes are guaranteed via corre-
lation using standard statistical quality control (SQC). TJ = −40°C to +125°C, unless otherwise specified. Typical values are at TA = 25°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
IN Input Voltage
PV is tied to VREG, IN is not tied to VREG (using internal regulator)
5.5
18
V
IN Input Voltage
IN = PV = VREG, IN is tied to VREG (not using internal regulator)
3.0
5.5
V
IN Quiescent Current
Not switching, IVREG = 0 mA
1.5
3.0
mA
IN Shutdown Current
EN = GND
5
15
μA
VREG-to-GND Shutdown Impedance
EN = GND, IN is not tied to VREG
1.6
VREG Undervoltage Lockout Threshold
VREG rising
2.4
2.7
3.0
V
VREG Undervoltage Lockout Hysteresis
VREG falling
0.125
V
ERROR AMPLIFER
FB Regulation Voltage
TA = 25°C, TRK > 700 mV
597
600
603
mV
TA = 0°C to +70°C, TRK > 700 mV
595
605
mV
TJ = −40°C to +125°C, TRK > 700 mV
591
609
mV
FB Input Bias Current
5
100
nA
Open-Loop Voltage Gain
70
dB
Gain-Bandwidth Product
20
MHz
COMP Sink Current
600
μA
COMP Source Current
120
μA
COMP Clamp High Voltage
IN = VREG = 3V
2.4
V
IN = 12 V
3.6
V
COMP Clamp Low Voltage
0.75
V
LINEAR REGULATOR
VREG Output Voltage
IN = 5 V+ dropout voltage to 18 V, IVREG =100 mA
TJ = −40°C to +125°C
4.75
5.0
5.25
V
VREG Load Regulation
IVREG = 0 mA to 100 mA, IN = 5.25 V to 18 V
−10
mV
VREG Line Regulation
IN = 5 V+ dropout voltage to 18 V, no load
1
mV
VREG Current Limit
VREG drops to 4 V
220
mA
VREG Short-Circuit Current
VREG drops to 0.4 V
60
140
200
mA
IN to VREG Dropout Voltage1
IVREG = 100 mA, IN < 5 V
0.6
1.0
V
VREG Minimum Output Capacitance
1
μF
PWM CONTROLLER
VRAMP Peak-to-Peak Voltage2
0.7
1.0
1.45
V
DH Maximum Duty Cycle
FREQ = GND (300 kHz)
91
93
%
DH Minimum On Time
Any frequency
100
ns
DL Minimum On Time
Any frequency
200
ns
SOFT START
SS Pull-Up Resistance
SS = GND
90
SS Pull-Down Resistance
SS = 0.6 V
6
SS to FB Offset Voltage
SS = 0 mV to 500 mV
−45
mV
SS Pull-Up Voltage
0.8
V
TRACKING
TRK Common-Mode Input Voltage Range
0
600
mV
TRK to FB Offset Voltage
TRK = 0 mV to 500 mV
−5.5
+5
mV
TRK Input Bias Current
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com