Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP1828
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SYNC
EN
IN
COMP
GND
VREG
FREQ
CLKSET
BST
DH
PGND
CSL
SW
SS
TRK
FB
PGOOD
PV
DL
CLKOUT
TOP VIEW
(Not to Scale)
ADP1828
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
FREQ
Frequency Control Input. Low for 300 kHz, high for 600 kHz, or connect a resistor from FREQ to GND to set the free-
running frequency between 300 kHz and 600 kHz.
2
SYNC
Frequency Synchronization Input. Accepts external signals between 300 kHz and 600 kHz if FREQ is set to low, or
between 600 kHz and 1.2 MHz if FREQ is set to high. If fOSC is set by RFREQ, then the synchronization frequency range is
from fOSC up to 600 kHz. If SYNC is not used, connect SYNC to GND or VREG. VSYNC can be driven up to 6 V even when VIN
is less than 6 V.
3
EN
Enable Input. Drive EN high or tristate EN to turn on the ADP1828 controller, and drive it low to turn off. Connect EN to
IN for automatic startup.
4
IN
Input Supply to the Internal Linear Regulator. Drive IN with 5.5 V to 18 V to power the ADP1828 from LDO, VREG; tie PV
to VREG. For input voltages between 3 V and 5.5 V, tie IN, PV, and VREG together.
5
VREG
Output of the Internal Linear Regulator (LDO). The internal circuitry and gate drivers are powered from VREG. Bypass
VREG to AGND plane with 1 μF ceramic capacitor for stable operation, for example, a 10 V X5R 1 μF ceramic capacitor
is sufficient. The VREG output is 5 V when IN = 5 V + dropout. Connect IN to VREG and PV when IN = 3 V to 5.5 V. For
applications with IN < 5.5 V and IN not connected to VREG, keep in mind that VREG = VIN – dropout. VREG needs to be
≥3 V for proper operation.
6
GND
Ground for Internal Circuits. Tie the bottom of the feedback dividers to this GND.
7
COMP
Error Amplifier Output. Connect an RC network from COMP to FB for loop compensation.
8
FB
Voltage Feedback. Connect a resistor divider from the buck regulator output to GND and tie the tap to FB to set the
output voltage.
9
TRK
Tracking Input. To track a master voltage, drive TRK from a voltage divider from the master voltage. If the tracking
function is not used, connect TRK to VREG.
10
SS
Soft Start Control Input. Connect a capacitor from SS to GND to set the soft start period.
11
PGOOD
Open-Drain Power-Good Output. Sinks current when FB is out of regulation. Connect a pull-up resistor from
PGOOD to VREG.
12
PV
Positive Input Voltage for Gate Driver DL. When IN is 3 V to 5.5 V, connect IN to VREG and PV. Connect a 1 μF bypass
capacitor from PV to PGND. When IN = 5.5 V to 18 V, connect PV to VREG.
13
DL
Low-Side (Synchronous Rectifier) Gate Driver Output.
14
PGND
Power GND. Ground for gate driver.
15
CSL
Current Sense Comparator Inverting Input. Connect a resistor between CSL and SW to set the current-limit offset.
16
SW
Switch Node Connection.
17
DH
High-Side (Switch) Gate Driver Output.
18
BST
Boost Capacitor Input. Powers the high-side gate driver DH. Connect a 0.22 μF to 0.47 μF ceramic capacitor from BST
to SW and a Schottky diode from PV to BST.
19
CLKSET
Clock Set Input. Setting CLKSET to Logic high (connect CLKSET to VREG) sets the CLKOUT to 2× the internal oscillator
frequency and is in phase with the oscillator. Setting CLKSET to Logic low sets the CLKOUT to 1× the oscillator
frequency and 180° out of phase.
20
CLKOUT
Clock Output. The CLKOUT frequency, fCLKOUT, is either 1× or 2× the oscillator frequency. CLKOUT can be used to
synchronize another ADP1828 or ADP1829 controllers. Set fCLKOUT to 1× when synchronizing another ADP1828, or to
2× when synchronizing the ADP1829. If SYNC is used, fSYNC = fCLKOUT independent of the CLKSET voltage. CLKOUT is
able to drive a 100 pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com