Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 29Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 30Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 31Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
ADP1828
Rev. 0 | Page 31 of 32
IN
VREG
EN
FREQ
SYNC
PGOOD
COMP
SS
CSS
100nF
L1 = 1µH
M1
M2
CIN
270µF
16V
×2
DH
BST
SW
CSL
DL
PGND
CLKOUT
CLKSET
FB
C4
0.47µF
PV
TRK
ADP1828
R4
3.3kΩ
VIN = 2.5V TO 8V
OUTPUT
1.0V, 15A
C6
1µF
R8
4.99kΩ
C3
4.7nF
PGND
AGND
C2
220pF
R1
10kΩ
R3
210Ω
R2
15kΩ
D1
COUT1
10µF
6.3V
COUT2
820µF
2.5V
×2
C1
1.8nF
R6
100kΩ
VBIAS = 5V
C5
1µF
GND
AGND
fSW = 300kHz
CIN: SANYO, OSCON 16SP270M
COUT2: SANYO, OSCON 2R5SEPC820M
L1: COILTRONICS, HC7-1R0
M1: INFINEON BSC080N03LS
M2: INFINEON BSC030N03LS
D1: VISHAY, BAT54
Figure 55. Application Circuit for VIN = 2.5 V to 8 V
IN
VREG
EN
FREQ
SYNC
PGOOD
COMP
SS
CSS
200nF
L1 = 0.47µH
M1 × 2
M2 × 2
CIN
180µF
20V
×3
DH
BST
SW
CSL
DL
PGND
CLKOUT
CLKSET
FB
C4
0.47µF
PV
TRK
ADP1828
R4
2.2kΩ
VIN = 10V TO 18V
OUTPUT
1.8V, 27A
C6
1µF
R8
26.1kΩ
C3
2.7nF
PGND
AGND
C2
47pF
R1
20kΩ
R3
6.49kΩ
R2
10kΩ
D1
COUT1
47µF
6.3V
COUT2
1000µF
×3
C1
680nF
R6
100kΩ
C7
1µF
C5
1µF
GND
AGND
D1: VISHAY, BAT54
M1: INFINEON, 2 × BSC080N03LS
M2: INFINEON, 2 × BSC030N03LS
fSW = 300kHz
CIN: SANYO, OSCON 20SP180M
COUT2: SANYO, POSCAP 2R5TPD1000M5
L1: WURTH ELEKTRONIC, 0.47µH, 744355147
Figure 56. Application Circuit with 27 A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com