Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 29Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 30Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 31Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP1828
Rev. 0 | Page 30 of 32
APPLICATION CIRCUITS
IN
VREG
EN
FREQ
SYNC
PGOOD
COMP
SS
CSS
100nF
L1 = 1.0µH
M1A
M1B
CIN
22µF
6.3V
×3
DH
BST
SW
CSL
DL
PGND
CLKOUT
CLKSET
FB
C4
0.22µF
PV
TRK
ADP1828
R4
3kΩ
VIN = 3.3V
OUTPUT
1.2V, 5A
C6
1µF
R8
8.06kΩ
C3
3.3nF
PGND
AGND
C2
68pF
R1
10kΩ
R3
210Ω
R2
10kΩ
D1
COUT1
100µF
6.3V
COUT2
47µF
6.3V
C1
1.8nF
R6
100kΩ
C5
1µF
GND
AGND
fSW = 600kHz
CIN: CERAMIC, 22µF/6.3V/X5R/0805
COUT1: CERAMIC, 100µF/6.3V/X5R/1210
COUT2: CERAMIC, 47µF/6.3V/X5R/1206
L1: TOKO, FDV0630-1R0M
D1: BAT54
M1A, M1B: VISHAY, DUAL-FET Si7940DP
Figure 53. Application Circuit for VIN = 3.3 V, All Ceramic Solution
IN
VREG
EN
FREQ
SYNC
PGOOD
COMP
SS
CSS
100nF
L1 = 1.8µH
M1A
M1B
CIN
22µF
16V
DH
BST
SW
CSL
DL
PGND
CLKOUT
CLKSET
FB
C4
0.22µF
PV
TRK
ADP1828
R4
2.8kΩ
VIN = 10V TO 13V
OUTPUT
3.3V, 4A
C6
1µF
R8
6.04kΩ
C3
4.7nF
GND
PGND
AGND
AGND
C2
120pF
R1
20kΩ
R3
412Ω
R2
4.42kΩ
D1
COUT
100µF
6.3V
C1
1.0nF
R6
100kΩ
C5
1µF
C7
1µF
fSW = 600kHz
CIN: CERAMIC, 22µF/6.3V/X5R/1210
COUT: CERAMIC, 100µF/6.3V/X5R/1210
L1: TOKO, FDV0630-1R8M
D1: VISHAY, BAT54
M1A, M1B: VISHAY, DUAL-FET Si7958DP
Figure 54. Application Circuit for VIN = 12 V, All Ceramic Solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com