Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADP1828
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
02
46
8
10
12
14
16
18
20
LOAD (A)
90
80
70
60
50
40
30
300kHz
600kHz
VIN = 12V
VOUT = 1.8V
TA = 25°C
Figure 4. Efficiency vs. Load Current of Figure 1
0
5
10
15
20
25
LOAD (A)
95
90
85
80
75
70
65
60
55
fSW = 300kHz
VOUT = 1.8V
TA = 25°C
VIN = 5.5V
VIN = 3.3V
VIN = 12V
VIN = 15V
Figure 5. Efficiency vs. Load Current of Figure 1
0
1
23
45
95
90
85
80
75
70
65
60
55
LOAD (A)
fSW = 600kHz
VIN = 3.3V
VOUT = 1.2V
TA = 25°C
Figure 6. Efficiency vs. Load Current of Figure 53
0
1
23
45
95
90
85
80
75
70
65
60
55
50
LOAD (A)
fSW = 600kHz
VIN = 12V
VOUT = 3.3V
TA = 25°C
Figure 7. Efficiency vs. Load Current of Figure 54
0
5
10
15
20
25
30
95
90
85
80
75
70
65
60
55
50
45
LOAD (A)
fSW = 300kHz
VIN = 12V
VOUT = 1.8V
TA = 25°C
Figure 8. Efficiency vs. Load Current of Figure 56
5.5
5.0
4.5
4.0
3.5
3.0
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
TA = 25°C
Figure 9. VREG in Dropout, No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com