Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP1828
Rev. 0 | Page 24 of 32
SOFT START
The ADP1828 uses an adjustable soft start to limit the output
voltage ramp-up period, limiting the input inrush current. The
soft start is selected by setting the capacitor, CSS, from SS to
GND. The ADP1828 charges CSS to 0.8 V through an internal
90 kΩ resistor. The voltage on the soft start capacitor while it is
charging is
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
SS
C
t
CSS
e
V
kΩ
90
1
V
8
.
0
(45)
The soft start period ends when the voltage on the soft start pin
reaches 0.6 V. Substituting 0.6 V for VSS and solving for the soft
start time tSS:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
SS
C
t
e
kΩ
90
1
V
8
.
0
V
6
.
0
(46)
SS
SS
RC
t
386
.
1
=
(47)
Because R = 90 kΩ:
sec
μF/
8
×
=
SS
SS
t
C
(48)
where tSS is the desired soft start time in seconds.
SWITCHING NOISE AND OVERSHOOT REDUCTION
In any high speed step-down regulator, high frequency noise
(generally in the range of 50 MHz to 100 MHz) and voltage
overshoot are always present at the gate, the switch node (SW),
and the drains of the external MOSFETs. The high frequency
noise and overshoot are caused by the parasitic capacitance,
Cgd, of the external MOSFET and the parasitic inductance of
the gate trace and the packages of the MOSFETs. When the
high current is switched, electromagnetic interference (EMI)
is generated, which can affect the operation of the surrounding
circuits. To reduce voltage ringing at the drain of the MOSFET,
an RC snubber can be added between SW and PGND, as illu-
strated in Figure 40. In most applications, RSNUB is about 2 Ω,
and CSNUB about 1.2 nF. RSNUB and CSNUB can be calculated using
the following equations:
OSS
SNUB
fC
R
π
=
2
1
(49)
OSS
SNUB
C
C
=
(50)
where:
f
is the high frequency ringing measured at the SW node.
COSS
is the total output capacitance of the top-side and low-side
MOSFETs, given in the MOSFET data sheet.
The size of the RC snubber components need to be chosen
correctly to handle the power dissipation. The power dissipated
in RSNUB is:
SW
SNUB
IN
SNUB
f
C
V
P
2
=
In most applications, a size 0805 component is sufficient. The
use of the RC snubber reduces the overall efficiency, generally
by an amount in the range of 0.1% to 0.5%. However, the RC
snubber cannot reduce the voltage overshoot. A resistor, shown
as RRISE in Figure 40, at the BST pin could help to reduce
overshoot and is generally between 1 Ω and 5 Ω.
DH
SW
CSL
DL
PGND
M2
M1
L
VOUT
COUT
RSNUB
CSNUB
VIN
RCL
ADP1828
BST
PV
RRISE
Figure 40. Application Circuit with a Snubber
VOLTAGE TRACKING
The ADP1828 includes a feature that tracks a master voltage.
This feature is especially important when multiple ADP1828s
(or other controllers such as the ADP1829) are powering sepa-
rate power supply voltages, such as the core and I/O voltages of
a DSP or microcontroller. In these cases, improper sequencing
can cause damage to the load.
The ADP1828 tracking input is an additional positive input to
the error amplifier. The feedback voltage is regulated to the lower
of the 0.6 V reference, the SS voltage, or the voltage at TRK, so
a lower voltage on TRK limits the output voltage. This feature
allows implementation of two different types of tracking: coin-
cident tracking, where the output voltage is the same as the
master voltage until the master voltage reaches regulation, or
ratiometric tracking, where the output voltage is limited to a
fraction of the master voltage.
In all tracking configurations, the final value of the master
voltage should be higher than the slave voltage.
Note that the soft start time setting of the master voltage should
be longer than the soft start of the slave voltage. This forces the
rise time of the master voltage to be imposed on the slave voltage.
If the soft start setting of the slave voltage is longer, the slave
comes up more slowly and the tracking relationship is not
seen at the output. The slave channel should still have a soft
start capacitor to give a small but reasonable soft start time to
protect the part in case of restart after a current-limit event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com