Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADP1828
Rev. 0 | Page 25 of 32
COMP
FB
TRK
SS
MASTER
VOLTAGE
RTRKT
RTRKB
0.6V
DETAIL VIEW OF
ADP1828
ERROR
AMPLIFIER
VOUT
RTOP
RBOT
Figure 41. Voltage Tracking
COINCIDENT TRACKING
The most common application is coincident tracking, used
in core vs. I/O voltage sequencing and similar applications.
Coincident tracking limits the slave output voltage to be the
same as the master voltage until it reaches regulation. Connect
the slave TRK input to a resistor divider from the master voltage
that is the same as the divider used on the slave FB pin. This
forces the slave voltage to be the same as the master voltage.
For coincident tracking, use the following equation:
RTRKT = RTOP and RTRKB = RBOT
where:
RTOP
and RBOT are the values chosen in the Compensating the
Voltage Mode Buck Regulator section.
See Figure 42 for an example of a coincident tracking circuit.
FB
TRK
SS
RTRKB
10kΩ
RTRKT
20kΩ
1.1V
ADP1828
OR
ADP1829
FB
ADP1828
EN
EN
SS
RTOP
20kΩ
RBOT
10kΩ
CSS
1µF
CSS
150nF
3.3V
VOUT_MASTER
1.8V
VOUT_SLAVE
Figure 42. Example of a Coincident Tracking Circuit
TIME
SLAVE VOLTAGE
MASTER VOLTAGE
Figure 43. Coincident Tracking
CH1 5.00V
CH3 1.00V
CH2 1.00V
M 100ms
A CH1
2.60V
1
4
CH4 1.00V
VOUT_MASTER
EN FOR BOTH ADP1828
VOUT_SLAVE
TRK_SLAVE
BW
BW
BW
Figure 44. Coincident Tracking of Figure 42
As the master voltage rises, the slave voltage also rises in the
same pattern. Eventually, the slave voltage reaches its regulation
voltage, where the internal reference takes over the regulation
while the TRK input continues to increase and thus removes
itself from influencing the output voltage. To ensure that the
output voltage accuracy is not compromised by the TRK pin
being too close in voltage to the 0.6 V reference, make sure
that the final value of the master voltage is greater than the
slave regulation voltage by at least 10%, or 60 mV as seen at the
FB node (the higher, the better). A difference of 60 mV between
TRK and the 0.6 V reference produces about 3 mV of offset in
the error amplifier, or 0.5%, at room temperature, while 100 mV
between them produces only 0.6 mV or 0.1% offset. For accurate
tracking, set the final voltage at TRK to less than or equal to
0.5 V. However, this condition would trip the PGOOD signal.
RATIOMETRIC TRACKING
Ratiometric tracking limits the output voltage to a fraction of
the master voltage. For example, the termination voltage for
DDR memories (VTT) is set to half the VDDQ voltage.
TIME
SLAVE VOLTAGE
MASTER VOLTAGE
Figure 45. Ratiometric Tracking
For ratiometric tracking, the simplest configuration is to tie the
TRK pin of the slave channel to the FB pin of the master channel.
The advantage of this is having the fewest components, but the
accuracy suffers as the TRK pin voltage becomes equal to the
internal reference voltage and an offset is imposed on the error
amplifier of about −18 mV at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com