Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 29Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADP1828
Rev. 0 | Page 26 of 32
A more accurate solution is to provide a divider from the
master voltage that sets the TRK pin voltage to be something
lower than 0.6 V at regulation, for example, 0.5 V. The slave
channel can be viewed as having a 0.5 V external reference
supplied by the master voltage. Keep in mind that PGOOD
is tripped when the TRK voltage is set to less than 0.55 V.
Once this is complete, the FB divider for the slave voltage is
designed as in the Compensating the Voltage Mode Buck
Regulator section except to substitute the 0.5 V reference
for the VFB voltage. The ratio of the slave output voltage to
the master voltage is a function of the two dividers:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
TRKB
TRKT
BOT
TOP
MASTER
OUT
R
R
R
R
V
V
1
1
(51)
Figure 46 shows an example of ratiometric tracking circuit and
Figure 47 shows its voltage tracking waveforms.
FB
TRK
SS
RTRKB
10kΩ
RTRKT
49.9kΩ
0.55V
ADP1828
OR
ADP1829
FB
ADP1828
EN
EN
SS
RTOP
22.6kΩ
RBOT
10kΩ
CSS
1µF
CSS
150nF
3.3V
VOUT_MASTER
1.8V
VOUT_SLAVE
Figure 46. An Example of a Ratiometric Tracking Circuit
CH1 5.00V
CH3 1.00V
CH2 1.00V
M 100ms
A CH1
2.60V
1
4
CH4 1.00V
VOUT_MASTER
EN FOR BOTH ADP1828
VOUT_SLAVE
TRK_SLAVE
BW
BW
BW
Figure 47. Ratiometric Tracking of Figure 46
Another option is to add another tap to the divider for the
master voltage. Split the RBOT resistor of the master voltage into
two pieces, with the new tap at 0.5 V when the master voltage is
in regulation. This saves one resistor, but be aware that Type III
compensation on the master voltage causes the feedforward
signal of the master voltage to appear at the TRK input of the
slave channel.
Figure 48 shows an example of DDR memory termination
application circuit, where the DDR memory termination voltage,
VTT, is ½ of VDDQ. VTT can sink current during the off cycle
of the ADP1828. The output waveform in Figure 49 shows that
VTT changes by one-half of the output change in VDDQ.
FB
TRK
SS
RTRKB
10kΩ
RTRKT
40.2kΩ
0.5V
ADP1828
OR
ADP1829
FB
ADP1828
EN
EN
SS
RTOP
15kΩ
RBOT
10kΩ
CSS
1µF
CSS
150nF
2.5V
VDDQ
1.25V
VTT
Figure 48. An Example of a DDR Termination Circuit
CH1 500mV
CH3 500mV
CH2 100mV
M 200µs
A CH1
50.0mV
3
2
1
VDDQ (2.5V ± 0.25V, AC-COUPLED)
VTT (1.25V ± 0.125V, AC-COUPLED)
TRK
BW
BW
BW
T
Figure 49. DDR Termination; Output Waveforms of Figure 48
In addition, by selecting the resistor values in the divider carefully,
Equation 51 shows that the slave voltage output can be made to
have a faster ramp rate than that of the master voltage by setting
the TRK voltage at the slave larger than 0.6 V and RTRKB greater
than RTRKT. Make sure that the master SS period is long enough
(that is, use a sufficiently large SS capacitor) such that the input
inrush current does not run into the current limit of the power
supply during startup.
CH1 5.00V
CH3 1.00V
CH2 1.00V
M 100ms
A CH1
2.60V
1
4
CH4 1.00V
VOUT_MASTER
EN FOR BOTH ADP1828
TRK_SLAVE
BW
BW
BW
VOUT_SLAVE
Figure 50. Ratiometric Tracking of Figure 46 with RTRKT = 5 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com