Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP1828
Rev. 0 | Page 10 of 32
0
20
40
60
80
100
VREG LOAD CURRENT (mA)
5.000
4.995
4.990
4.985
4.980
4.975
4.970
4.965
4.960
4.955
4.950
VIN = 5.5V
TA = 25°C
Figure 10. VREG vs. Load Current
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
5.000
4.995
4.990
4.985
4.980
4.975
4.970
4.965
4.960
4.955
4.950
VIN = 7V
NO LOAD
10mA LOAD
100mA LOAD
Figure 11. VREG Voltage vs. Temperature
0
50
100
150
200
250
VREG LOAD CURRENT (mA)
5
4
3
2
1
0
VIN = 5.5V
TA = 25°C
Figure 12. VREG Current-Limit Foldback
3
5
7
9
11
13
15
17
VIN (V)
3.0
2.5
2.0
1.5
1.0
0.5
0
300kHz
600kHz
TA = 25°C
Figure 13. Δ fOSC vs. VIN, Referenced at VIN = 3 V
CH1 5.00V
CH2 100mV
M 400ns
A CH1
3.60V
1
2
VIN = 5.5V
LOAD = 5A
T
BW
BW
SW
VREG (AC-COUPLED)
Figure 14. VREG Output of Figure 54
TEMPERATURE (°C)
–40
–15
10
35
60
85
110
135
0.5990
0.5995
0.6000
0.6005
0.6010
0.6015
0.6020
0.6025
Figure 15. Feedback Voltage vs. Temperature, VIN = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com