Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADP1828
Rev. 0 | Page 23 of 32
Use the larger value of CI from Equation 31 or Equation 32.
Because of the finite output current drive of the error amplifier,
CI needs to be less than 10 nF. If it is larger than 10 nF, choose a
larger RTOP and recalculate RZ and CI until CI is less than 10 nF.
Next, choose the high frequency pole, fP1, to be ½ of fSW.
SW
P1
f
f
2
1
=
(33)
Since CHF << CI, Equation 26 is simplified to
HF
Z
P1
C
R
f
π
=
2
1
(34)
Combine Equation 33 and Equation 34, and solve for CHF,
Z
SW
HF
R
f
C
π
=
1
(35)
Type III Compensator
G
(dB)
PHASE
–270°
–90°
fZ
fP
CHF
CI
RZ
CFF
RTOP
RBOT
VOUT
INTERNAL
VREF
FB
EA
COMP
RFF
–1 S
LOP
E
–1 S
LOP
E
+1
SL
OP
E
Figure 39. Type III Compensation
If the output capacitor ESR zero frequency is greater than ½ of
the crossover frequency, use the Type III compensator as shown
in Figure 39. Set the poles and zeros as follows:
SW
P2
P1
f
f
f
2
1
=
=
(36)
I
Z
SW
CO
Z2
Z
C
R
f
f
f
f
π
=
=
=
=
2
1
40
4
1
(37)
or
I
Z
LC
Z2
Z
C
R
f
f
f
π
=
=
=
2
1
2
1
(38)
Use the lower zero frequency from Equation 37 or Equation 38.
Calculate the compensator resistor, RZ
2
LC
IN
CO
Z1
RAMP
TOP
Z
f
V
f
f
V
R
R =
(39)
Next, calculate CI,
Z1
Z
I
f
R
C
π
=
2
1
(40)
Because of the finite output current drive of the error amplifier,
CI needs to be less than 10 nF. If it is larger than 10 nF, choose a
larger RTOP and recalculate RZ and CI until CI is less than 10 nF.
Since CHF << CI, combining Equation 26 and Equation 36 yields
Z
SW
HF
R
f
C
π
=
1
(41)
Next, calculate the feedforward capacitor CFF. Assuming RFF <<
RTOP, then Equation 25 is simplified to
TOP
FF
Z2
R
C
f
π
=
2
1
(42)
Solving CFF in Equation 42 yields
Z2
TOP
FF
f
R
C
π
=
2
1
(43)
where fZ2 is obtained from Equation 37 or Equation 38.
The feedforward resistor, RFF, can be calculated by combining
Equation 27 and Equation 36
SW
FF
FF
f
C
R
π
=
1
(44)
Check that the calculated component values are reasonable. For
instance, capacitors smaller than about 10 pF should be avoided.
In addition, the ADP1828 error amplifier has a finite output
current drive, so RZ values less than 3 kΩ and CI values greater
than 10 nF should be avoided. If necessary, recalculate the compen-
sation network with a different starting value of RTOP. If RZ is too
small or CI is too big, start with a larger value of RTOP. This com-
pensation technique should yield a good working solution.
In general, aluminum electrolytic capacitors have high ESR, and
Type II compensation is adequate. However, if several aluminum
electrolytic capacitors are connected in parallel, and produce a
low effective ESR, then Type III compensation is needed. In
addition, ceramic capacitors have very low ESR (only a few
milliohms) making Type III compensation a better choice.
Type III compensation offers better performance than Type II
in terms of more low frequency gain and more phase margin
and less high frequency gain at the crossover frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com