Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1828YRQZ-R7 Datasheet HTML 1Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 2Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 3Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Synchronous Buck PWM,
Step-Down, DC-to-DC Controller
ADP1828
Rev. 0
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bias voltage range 3.0 V to 18 V
Wide power stage input range 1 V to 24 V
Wide output voltage range: 0.6 V to 85% of input voltage
±0.85% accuracy at 0oC to 70oC
All N-channel MOSFET design for low cost
Fixed-frequency operation at 300 kHz, 600 kHz, or resistor
adjustable 300 kHz to 600 kHz
Clock output for synchronizing other controllers
No current sense resistor required
Internal linear regulator
Voltage tracking for sequencing
Soft start and thermal overload protection
Overvoltage and undervoltage power-good indicator
15 μA shutdown supply current
Available in a 20-lead QSOP
APPLICATIONS
Telecom and networking systems
Base station power
Set-top boxes, game consoles
Printers and copiers
Medical imaging systems
DSP and microprocessor core power supplies
DDR termination
GENERAL DESCRIPTION
The ADP1828 is a versatile and synchronous PWM voltage
mode buck controller. It drives an all N-channel power stage
to regulate an output voltage as low as 0.6 V to 85% of the input
voltage and is sized to handle large MOSFETs for point-of-load
regulators. The ADP1828 is ideal for a wide range of high power
applications, such as DSP and processor core I/O power, and
general-purpose power in telecommunications, medical imaging,
PC, gaming, and industrial applications. It operates from input
bias voltages of 3 V to 18 V with an internal LDO that generates
a 5 V output for input bias voltages greater than 5.5 V.
The ADP1828 operates at a pin-selectable, fixed switching
frequency of either 300 kHz or 600 kHz, or at any frequency
between 300 kHz and 600 kHz with a resistor. The switching
frequency can also be synchronized to an external clock up to
2× the part’s nominal oscillator frequency. The clock output
can be used for synchronizing additional ADP1828s (or the
ADP1829 controllers), thus eliminating the need for an external
clock source. The ADP1828 includes soft start protection to
limit any inrush current from the input supply during startup,
reverse current protection during soft start for a precharged
output, as well as a unique adjustable lossless current-limit
scheme utilizing external MOSFET RDSON sensing.
For applications requiring power-supply sequencing, the
ADP1828 provides a tracking input that allows the output
voltage to track during startup, shutdown, and faults. The
additional supervisory and control features include thermal
overload, undervoltage lockout, and power good.
The ADP1828 operates over the −40°C to +125°C junction
temperature range and is available in a 20-lead QSOP.
IN
VREG
EN
FREQ
SYNC
PGOOD
COMP
SS
CSS
200nF
L1 = 0.82µH
M1
M2
×2
CIN
180µF
×2
20V
DH
BST
SW
CSL
DL
PGND
CLKOUT
CLKSET
FB
C4
0.47µF
PV
TRK
ADP1828
RCL
1.8kΩ
VIN = 10V TO 18V
OUTPUT
1.8V, 20A
C6
1µF
R8
20kΩ
C3
5.6nF
PGND
AGND
C2
33pF
R1
20kΩ
R3
7.5kΩ
R2
10kΩ
D1
COUT1
47µF
X5R
6.3V
COUT2
1000µF
×2
C1
680pF
R6
100kΩ
C7
1µF
C5
1µF
GND
AGND
D1: BAT54
M1: INFINEON, BSC080N03LS
M2: INFINEON, 2 × BSC030N03LS
fSW = 300kHz
CIN: SANYO, OSCON 20SP180M
COUT2: SANYO, POSCAP 2R5TPD1000M5
L1: WURTH ELEKTRONIC, 0.82µH, 744355182
Figure 1. Typical Application Circuit with 20 A Output


Similar Part No. - ADP1828YRQZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1828 AD-ADP1828_15 Datasheet
794Kb / 36P
Synchronous Buck PWM, Step-Down, DC-to-DC Controller
REV. C
More results

Similar Description - ADP1828YRQZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
Synchronous, Step-Down DC-to-DC Controller
REV. 0
ADP1828 AD-ADP1828_15 Datasheet
794Kb / 36P
Synchronous Buck PWM, Step-Down, DC-to-DC Controller
REV. C
logo
Unisonic Technologies
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com