Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 25Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 26Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 27Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 28Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 29Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 30Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADP1828
Rev. 0 | Page 27 of 32
THERMAL CONSIDERATIONS
The current required to drive the external MOSFETs comprises
the vast majority of the power dissipation of the ADP1828. The
on-chip LDO regulates down to 5 V, and this 5 V supplies the
drivers. The full gate drive current passes through the LDO and
is then dissipated in the gate drivers. The power dissipated in
the gate drivers on the ADP1828 is
)
(
DL
DH
SW
IN
D
Q
Q
f
V
P
+
=
(52)
where:
VIN is the voltage applied to IN.
fSW is the switching frequency.
Q numbers are the total gate charge specifications from the
selected MOSFET data sheets.
The power dissipation heats up the ADP1828. As the switching
frequency, the input voltage, and the MOSFET size increase, the
power dissipation on the ADP1828 increases. Care must be taken
not to exceed the maximum junction temperature. To calculate
the junction temperature from the ambient temperature and
power dissipation, use the following formula:
JA
D
A
J
θ
P
T
T
+
=
(53)
The thermal resistance (θJA) of the package is 83°C/W depending
on board layout, and the maximum specified junction temperature
is 125°C, which means that at maximum ambient temperature
of 85°C without airflow, the maximum dissipation allowed is
about 1 W.
A thermal shutdown protection circuit on the ADP1828 shuts
off the LDO and the controllers if the die temperature exceeds
approximately 145°C, but this is a gross fault protection only
and should not be depended on for system reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com