Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 2Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 3Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADP1828
Rev. 0 | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
IN, TRK
−0.3 V to +20 V
EN
−0.3 V < IN + 0.3 V
PV, SYNC, FREQ, COMP, SS, FB, PGOOD,
CLKSET, CLKOUT, VREG
−0.3 V to +6 V
BST-to-GND, SW-to-GND
−0.3 V to +30 V
BST-to-SW
−0.3 V to +6 V
BST-to-GND, SW-to-GND, 50 ns transients
+38 V
SW-to-GND, 30 ns negative transients
−7 V
CSL-to-GND
−1 V to +30 V
DH-to-GND
(SW − 0.3 V) to
(BST + 0.3 V)
DL-to-PGND
−0.3 V to
(PV + 0.3 V)
PGND-to-GND
±2 V
θJA, 20-Lead QSOP on a Multilayer PCB
(Natural Convection)1
83°C/W
Operating Junction Temperature2
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Maximum Soldering Lead Temperature
260°C
1 Junction-to-ambient thermal resistance (θJA) of the package was calculated
or simulated on a multilayer PCB.
2 The ADP1828 can be damaged when the junction temperature limits are
exceeded. Monitoring ambient temperature does not guarantee that TJ
is within the specified temperature limits. In applications with moderate
power dissipation and low PCB thermal resistance, the maximum ambient
temperature can exceed the maximum limit as long as the junction tem-
perature is within specification limits. The junction temperature, TJ, of the
device is dependent on the ambient temperature, TA, the power dissipation
of the device, PD, and the junction to ambient thermal resistance of the
package, θJA. Maximum junction temperature is calculated from the ambient
temperature and power dissipation using the formula TJ = TA + PD × θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified all other voltages
are referenced to GND.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com