Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADP1828
Rev. 0 | Page 11 of 32
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
VIN = 3V TO 18V
fOSC = 300kHz OR 600kHz
REFERENCE POINT IS AT 25°C
Figure 16. Δ fOSC vs. Temperature
2
5
8
11
141720
VIN (V)
6
5
4
3
2
1
0
TA = 25°C
Figure 17. Supply Current vs. Input Voltage
CH1 10.0V
CH3 50.0mV
CH2 5.00V
M 1.00µs
A CH1
6.40V
3
1
2
T
BW
SW
INPUT RIPPLE
OUTPUT RIPPLE
BW
BW
Figure 18. Input and Output Ripple of Figure 1, 22 A Load
CH1 100mV
CH4 5.00A Ω
M 200µs
A CH4
8.20A
1
4
T
BW
VOUT (AC-COUPLED)
STEP LOAD (5A TO 20A)
Figure 19. Load Transient Response of Figure 1, 5 A to 20 A, VIN = 12 V
CH1 10.0V
CH3 10.0mV
CH2 50.0mV
M 1.00µs
A CH1
5.80V
2
1
3
T
BW
SW
INPUT RIPPLE
OUTPUT RIPPLE
BW
Figure 20. Input and Output Ripple of Figure 54, 4 A Load
CH2 200mV
CH3 100mV
M 200µs
A CH4
4.20A
3
T
BW
INPUT VOLTAGE (AC-COUPLED)
OUTPUT (AC-COUPLED)
2
4
CH4 5.00A Ω
BW
STEP LOAD (1A TO 5A)
Figure 21. Load Transient Response of Figure 54, 1 A to 5 A, VIN = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com