Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1828YRQZ-R7 Datasheet HTML 1Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 2Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 3Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 4Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 5Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 6Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 7Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 8Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP1828
Rev. 0 | Page 5 of 32
Parameter
Conditions
Min
Typ
Max
Unit
POWER GOOD
FB Overvoltage Threshold
VFB rising
700
750
810
mV
FB Overvoltage Hysteresis
50
mV
FB Undervoltage Threshold
VFB falling
500
550
585
mV
FB Undervoltage Hysteresis
50
mV
PGOOD Propagation Delay
8
μs
PGOOD Off Leakage Current
VPGOOD = 5.5 V
1
μA
PGOOD Output Low Voltage
IPGOOD = 10 mA
150
500
mV
1 Connect IN to VREG when IN < 5.5 V. For applications with IN < 5.5V and IN not connected to VREG, keep in mind that VREG = VIN – dropout. VREG needs to be ≥ 3 V for
proper operation.
2 VRAMP = 1.0 V × fOSC/fSW, where fOSC is the natural oscillator frequency and fSW is the actual switching frequency. If SYNC is not used, then fOSC = fSW. If SYNC is used,
then fSW = fSYNC.
3 With a 5 V drive, the peak source or sink current could be up to 2.5 A and 3.3 A, respectively, when driving external power MOSFETs. The duration of the peak current
pulse is generally in the order of 10 ns.
4 Guaranteed by design and characterization. Not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com