Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 9Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 10Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 11Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADP1828
Rev. 0 | Page 13 of 32
CH3 5.00V
CH4 5.00V
CH2 10.0V
M 1.00µs
A CH2
4.80V
2
3
4
DH
CLKOUT
DL
T
CH1 5.00V
CH3 200mV
CH2 200mV
M 4.00ms
A CH4
1.12V
2
1
4
BW
BW
SS
BW
BW
CH4 2.00V
VIN = 0V TO 3V
VREG
FB
T
DH
Figure 28. CLKOUT, CLKSET = 0 V
Figure 31. Start into Precharged Output
CH3 5.00V
CH4 5.00V
CH2 10.0V
M 1.00µs
A CH2
4.80V
2
3
4
DH
CLKOUT
DL
T
CH1 5.00V
CH3 5.00V
CH2 10.0V
M 4.00µs
A CH2
8.20V
2
1
3
BW
BW
BW
EN
T
DH
DL
Figure 29. CLKOUT, CLKSET = 5 V
Figure 32. EN, Shutdown
CH3 5.00V
CH4 5.00V
CH2 10.0V
CH1 5.00V
M 1.00µs
A CH1
3.50V
4
3
2
1
DH
CLKOUT
DL
T
SYNC
Figure 30. SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com