Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 23Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 24Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADP1828
Rev. 0 | Page 21 of 32
Depending on component selection, one zero might already be
generated by the ESR of the output capacitor. Calculate this zero
corner frequency, fESR, as
OUT
ESR
ESR
C
R
π
f
2
1
=
(18)
Figure 36 shows a typical Bode plot of the LC filter by itself.
The gain of the LC filter at crossover can be linearly
approximated from Figure 36 as
ESR
LC
FILTER
A
A
A
+
=
⎟⎟
⎜⎜
×
⎟⎟
⎜⎜
×
=
ESR
CO
LC
ESR
FILTER
f
f
f
f
A
log
dB
20
log
dB
40
(19)
If
fESR ≈ fCO, then add another 3 dB to account for the local
difference between the exact solution and the linear approxi-
mation in Equation 19.
0dB
GAIN
FREQUENCY
PHASE
fLC
fESR
fCO
fSW
AFILTER
–40dB/dec
ΦFILTER
–90°
–180°
–20dB/dec
Figure 36. LC Filter Bode Plot
To compensate the control loop, the gain of the system must
be brought back up so that it is 0 dB at the desired crossover
frequency. Some gain is provided by the PWM modulation itself.
=
RAMP
IN
MOD
V
V
A
log
20
(20)
For systems using the internal oscillator, this becomes
=
V
0
.
1
log
20
IN
MOD
V
A
(21)
Note that if the converter is being synchronized, the ramp
voltage, VRAMP, is lower than 1.0 V by the percentage of
frequency increase over the nominal setting of the FREQ pin:
⎟⎟
⎜⎜
=
SYNC
FREQ
RAMP
f
f
V
V
0
.
1
(22)
For example, if FREQ is grounded or connected to VREG, then
fFREQ is 300 kHz or 600 kHz, respectively. If the frequency is set
by a resistor, then fFREQ is 300 kHz and fSYNC is the frequency set
by the resistor. VRAMP is greater than 1.0 V if fSYNC is less than
fFREQ. The rest of the system gain needs to reach 0 dB at cross-
over. The total gain of the system, therefore, is given by
AT = AMOD + AFILTER + ACOMP
(23)
where:
AMOD is the gain of the PWM modulator.
AFILTER is the gain of the LC filter including the effects of
the ESR zero.
ACOMP is the gain of the compensated error amplifier.
Additionally, the phase of the system must be brought back
up to guarantee stability. Note from the Bode plot of the filter
that the LC contributes −180° of phase shift (see Figure 36).
Because the error amplifier is an integrator at low frequency,
it contributes an initial −90°. Therefore, before adding com-
pensation or accounting for the ESR zero, the system is already
down −270°. To avoid loop inversion at crossover, or −180°
phase shift, a good initial practical design is to require a phase
margin of 60°, which is therefore an overall phase loss of −120°
from the initial low frequency dc phase. The goal of the com-
pensation is to boost the phase back up from −270° to −120°
at crossover.
Two common compensation schemes are used, which are
sometimes referred to as Type II or Type III compensation,
depending on whether the compensation design includes
two or three poles (see the Type II Compensator and Type III
Compensator sections). Dominant-pole compensation, or
single-pole compensation, is referred to as Type I compensation,
but it is not very useful for dealing successfully with switching
regulators.
If the zero produced by the ESR of the output capacitor provides
sufficient phase boost at crossover, Type II compensation is
adequate. If the phase boost produced by the ESR of the output
capacitor is not sufficient, another zero is added to the compen-
sation network, and thus Type III is used.
In Figure 37, the location of the ESR zero corner frequency
gives a significantly different net phase at the crossover
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com