Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 20Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 21Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 22Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADP1828
Rev. 0 | Page 19 of 32
During a load step transient on the output, the output capacitor
supplies the load until the control loop has a chance to ramp the
inductor current. This initial output voltage deviation, due to a
change in load, is dependent on the output capacitor charac-
teristics. Again, usually the capacitor ESR dominates this
response, and the ΔVOUT in Equation 6 can be used with the
load step current value for ΔIL.
SELECTING THE MOSFETS
The choice of MOSFET directly affects the dc-to-dc converter
performance. The MOSFET must have low on resistance to
reduce I2R losses and low gate charge to reduce transition losses.
In addition, the MOSFET must have low thermal resistance to
ensure that the power dissipated in the MOSFET does not result
in excessive MOSFET die temperature.
The high-side MOSFET carries the load current during on-time
and usually carries most of the transition losses of the converter.
Typically, the lower the MOSFET’s on resistance, the higher the
gate charge and vice versa. Therefore, it is important to choose a
high-side MOSFET that balances the two losses. The conduction
loss of the high-side MOSFET is determined by the equation
⎟⎟
⎜⎜
IN
OUT
DSON
LOAD
C
V
V
R
I
P
2
)
(
(7)
where:
PC is the conduction power loss.
RDSON is the MOSFET on resistance.
The gate charging loss is approximated by the equation
SW
G
PV
G
f
Q
V
P ≅
(8)
where:
PG is the gate charging loss power.
VPV is the gate driver supply voltage.
QG is the MOSFET total gate charge.
fSW is the converter switching frequency.
The high-side MOSFET transition loss is approximated by the
equation
2
)
(
SW
F
R
LOAD
IN
T
f
t
t
I
V
P
+
=
(9)
where:
PT is the high-side MOSFET switching loss power.
tR is the MOSFET rise time.
tF is the MOSFET fall time.
The total power dissipation of the high-side MOSFET is the
sum of all the previous losses, or
T
G
C
HS
P
P
P
P
+
+
(10)
where PHS is the total high-side MOSFET power loss.
The conduction losses may need an adjustment to account
for the MOSFET RDSON variation with temperature. Note that
MOSFET RDSON increases with increasing temperature. The
MOSFET data sheet should list the thermal resistance of the
package, θJA, along with a normalized curve of the temperature
coefficient of the RDSON. For the power dissipation estimated in
Equation 10, calculate the MOSFET junction temperature rise
over the ambient temperature of interest:
TJ = TA + θJAPD
(11)
Then, calculate the new RDSON from the temperature coefficient
curve and the RDSON specification at 25°C. An alternate method
to calculate the MOSFET RDSON at a second temperature, TJ, is
RDSON @ TJ = RDSON @ 25°C (1 + TC(TJ − 25°C))
(12)
where TC is the temperature coefficient of the MOSFET’s RDSON,
and its typical value is 0.004/°C.
Then the conduction losses can be recalculated and the proce-
dure iterated until the junction temperature calculations are
relatively consistent.
The synchronous rectifier, or low-side MOSFET, carries the
inductor current when the high-side MOSFET is off. The low-
side MOSFET transition loss is small and can be neglected in
the calculation. For high input voltage and low output voltage,
the low-side MOSFET carries the current most of the time.
Therefore, to achieve high efficiency, it is critical to optimize
the low-side MOSFET for low on resistance. In cases where the
power loss exceeds the MOSFET rating or lower resistance is
required than is available in a single MOSFET, connect multiple
low-side MOSFETs in parallel. The equation for low-side MOSFET
power loss is
IN
OUT
DSON
LOAD
LS
V
V
R
I
P
1
)
(
2
(13)
where:
PLS is the total low-side MOSFET power loss.
RDSON is the total on resistance of the low-side MOSFET(s).
Check the gate charge losses of the synchronous rectifier using
Equation 8 to be sure it is reasonable. If multiple low-side
MOSFETs are used in parallel, then use the parallel combina-
tion of the on resistances for determining RDSON to solve this
equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com