Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1828YRQZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1828YRQZ-R7
Description  Synchronous Buck PWM, Step-Down, DC-to-DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1828YRQZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1828YRQZ-R7 Datasheet HTML 12Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 13Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 14Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 15Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 16Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 17Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 18Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 19Page - Analog Devices ADP1828YRQZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP1828
Rev. 0 | Page 16 of 32
The PV pin provides power to the low-side drivers. It is limited
to 5.5 V maximum input and should have a local decoupling
capacitor to PGND.
The synchronous rectifier is turned on for a minimum time
of about 200 ns on every switching cycle in order to sense the
current. This minimum off-time plus the nonoverlap dead time
puts a limit on the maximum high-side switch duty cycle based
on the selected switching frequency. Typically, this maximum
duty cycle is about 90% at 300 kHz switching. At 1.2 MHz
switching, it reduces to about 70% maximum duty cycle.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using a resistive voltage divider from
the output to FB. The voltage divider splits the output voltage
to the 0.6 V FB regulation voltage to set the regulation output
voltage. The output voltage can be set to as low as 0.6 V and as
high as 85% of the power input voltage.
SWITCHING FREQUENCY CONTROL AND
SYNCHRONIZATION
The ADP1828 has a logic controlled frequency select input,
FREQ, which sets the switching frequency to 300 kHz or
600 kHz. Drive FREQ low at 300 kHz and high at 600 kHz.
The frequency can also be set to between 300 kHz and 600 kHz
by connecting a resistor between FREQ and GND. A 24.9 kΩ
sets the frequency to 600 kHz, 35.7 kΩ to 450 kHz, and 57.6 kΩ
to 300 kHz. Figure 33 shows fOSC as a function of RFREQ.
24000
29000
34000
39000
44000
49000
54000
59000
RFREQ (Ω)
200
250
300
350
400
450
500
550
600
TA = 25°C
VIN = 3V
VIN = 5V
Figure 33. fOSC vs. RFREQ
The SYNC input is used to synchronize the converter switching
frequency to an external signal. This allows multiple ADP1828
converters to be operated at the same frequency to prevent
frequency beating or other interactions. The ADP1828 has a
clock output (CLKOUT), which can be used for synchronizing
the ADP1829 and other ADP1828 controllers, thus eliminating
the need for an external clock source. Pulling CLKSET low sets
the frequency at CLKOUT to 1× the internal oscillator frequency,
fOSC, and is 180° out of phase with fOSC. The 1× output is suitable
for synchronizing other ADP1828s. Setting CLKSET high
(connect to VREG) sets the frequency to 2× fOSC and is in phase
with fOSC. The 2× output is suitable for synchronizing the dual
channel ADP1829 controller (see Table 4).
Table 4. CLKOUT Truth Table1
EN
CLKSET
SYNC
CLKOUT
Comment
H
L
H/L
1× fOSC
180° out of phase with fOSC
H
H
H/L
2× fOSC
In phase with fOSC
H
X
Clock in
Clock
CLKOUT in-sync with
clock in
L
X
X
L
CLKOUT is low
1 X: don’t care, H: Logic high, L: Logic low.
To synchronize the ADP1828 switching frequency to an
external signal, drive the SYNC input with an external clock
or with the CLKOUT signal from another ADP1828. The
ADP1828 can be synchronized to between 1× and 2× the
internal oscillator frequency. If fOSC is set by RFREQ, then the
synchronization frequency range is from fOSC up to 600 kHz.
Driving SYNC faster than recommended for the FREQ setting
results in a small ramp signal, which could affect the signal-to-
noise ratio and the modulator gain and stability.
When an external clock is detected at the first SYNC edge, the
internal oscillator is reset and the clock control shifts to SYNC.
The SYNC edges then trigger subsequent clocking of the PWM
outputs. The high-side MOSFET turn-on follows the rising edge
of the sync input by approximately 320 ns (see Figure 34 for
an illustration). If the external SYNC signal disappears during
operation, the ADP1828 reverts to its internal oscillator and
experiences a delay of no more than a single cycle of the
internal oscillator.
SYNC
DH
DL
320ns
DT
DT (DEAD TIME) = 40ns
Figure 34. Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com