Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 130 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 130 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 126Page - STMicroelectronics LSM6DSV320X Datasheet HTML 127Page - STMicroelectronics LSM6DSV320X Datasheet HTML 128Page - STMicroelectronics LSM6DSV320X Datasheet HTML 129Page - STMicroelectronics LSM6DSV320X Datasheet HTML 130Page - STMicroelectronics LSM6DSV320X Datasheet HTML 131Page - STMicroelectronics LSM6DSV320X Datasheet HTML 132Page - STMicroelectronics LSM6DSV320X Datasheet HTML 133Page - STMicroelectronics LSM6DSV320X Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 212 page
background image
13
Embedded functions register description
13.1
PAGE_SEL (02h)
Enable advanced features dedicated page (R/W)
Table 277. PAGE_SEL register
PAGE_SEL3
PAGE_SEL2
PAGE_SEL1
PAGE_SEL0
0(1)
0(1)
0(1)
1(2)
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device.
Table 278. PAGE_SEL register description
PAGE_SEL[3:0]
Selects the advanced features dedicated page. Default value: 0000
13.2
EMB_FUNC_EN_A (04h)
Enable embedded functions register (R/W)
Table 279. EMB_FUNC_EN_A register
MLC_BEFORE
_FSM_EN
0(1)
SIGN_
MOTION_EN
TILT_EN
PEDO_EN
0(1)
SFLP_GAME_
EN
0(1)
1. This bit must be set to 0 for the correct operation of the device.
Table 280. EMB_FUNC_EN_A register description
MLC_BEFORE_FSM_EN(1)
Enables machine learning core function. When the machine learning core is enabled by setting
this bit to 1, the MLC algorithms are executed before the FSM programs. Default value: 0
(0: machine learning core function disabled;
1: machine learning core function enabled and executed before FSM programs)
SIGN_MOTION_EN
Enables significant motion detection function. Default value: 0
(0: significant motion detection function disabled;
1: significant motion detection function enabled)
TILT_EN
Enables tilt calculation. Default value: 0
(0: tilt algorithm disabled;
1: tilt algorithm enabled)
PEDO_EN
Enables pedometer algorithm. Default value: 0
(0: pedometer algorithm disabled;
1: pedometer algorithm enabled)
SFLP_GAME_EN
Enables sensor fusion low-power algorithm for 6-axis (accelerometer + gyroscope) game
rotation vector. Default value: 0
(0: sensor fusion algorithm for 6-axis accelerometer + gyroscope disabled;
1: sensor fusion algorithm for 6-axis accelerometer + gyroscope enabled)
1. MLC_EN bit in the EMB_FUNC_EN_B (05h) register must be set to 0 when using this bit.
LSM6DSV320X
Embedded functions register description
DS14623 - Rev 1
page 130/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com