Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 163 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 163 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 159Page - STMicroelectronics LSM6DSV320X Datasheet HTML 160Page - STMicroelectronics LSM6DSV320X Datasheet HTML 161Page - STMicroelectronics LSM6DSV320X Datasheet HTML 162Page - STMicroelectronics LSM6DSV320X Datasheet HTML 163Page - STMicroelectronics LSM6DSV320X Datasheet HTML 164Page - STMicroelectronics LSM6DSV320X Datasheet HTML 165Page - STMicroelectronics LSM6DSV320X Datasheet HTML 166Page - STMicroelectronics LSM6DSV320X Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 212 page
background image
15.1.6
FSM_EXT_MATRIX_XY_L (C8h) and FSM_EXT_MATRIX_XY_H (C9h)
External sensor transformation matrix register (R/W)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 420. FSM_EXT_MATRIX_XY_L register
FSM_EXT_
MAT_XY_7
FSM_EXT_
MAT_XY_6
FSM_EXT_
MAT_XY_5
FSM_EXT_
MAT_XY_4
FSM_EXT_
MAT_XY_3
FSM_EXT_
MAT_XY_2
FSM_EXT_
MAT_XY_1
FSM_EXT_
MAT_XY_0
Table 421. FSM_EXT_MATRIX_XY_L register description
FSM_EXT_MAT_XY_[7:0]
Transformation matrix row1 col2 (and row2 col1) coefficient (LSbyte). Default value: 00000000
Table 422. FSM_EXT_MATRIX_XY_H register
FSM_EXT_
XY_15
FSM_EXT_
XY_14
FSM_EXT_
XY_13
FSM_EXT_
XY_12
FSM_EXT_
XY_11
FSM_EXT_
XY_10
FSM_EXT_
XY_9
FSM_EXT_
XY_8
Table 423. FSM_EXT_MATRIX_XY_H register description
FSM_EXT_MAT_XY_[15:8] Transformation matrix row1 col2 (and row2 col1) coefficient (MSbyte). Default value: 00000000
15.1.7
FSM_EXT_MATRIX_XZ_L (CAh) and FSM_EXT_MATRIX_XZ_H (CBh)
External sensor transformation matrix register (R/W)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 424. FSM_EXT_MATRIX_XZ_L register
FSM_EXT_
MAT_XZ_7
FSM_EXT_
MAT_XZ_6
FSM_EXT_
MAT_XZ_5
FSM_EXT_
MAT_XZ_4
FSM_EXT_
MAT_XZ_3
FSM_EXT_
MAT_XZ_2
FSM_EXT_
MAT_XZ_1
FSM_EXT_
MAT_XZ_0
Table 425. FSM_EXT_MATRIX_XZ_L register description
FSM_EXT_MAT_XZ_[7:0]
Transformation matrix row1 col3 (and row3 col1) coefficient (LSbyte). Default value: 00000000
Table 426. FSM_EXT_MATRIX_XZ_H register
FSM_EXT_
MAT_XZ_15
FSM_EXT_
MAT_XZ_14
FSM_EXT_
MAT_XZ_13
FSM_EXT_
MAT_XZ_12
FSM_EXT_
MAT_XZ_11
FSM_EXT_
MAT_XZ_10
FSM_EXT_
MAT_XZ_9
FSM_EXT_
MAT_XZ_8
Table 427. FSM_EXT_MATRIX_XZ_H register description
FSM_EXT_MAT_XZ_[15:8] Transformation matrix row1 col3 (and row3 col1) coefficient (MSbyte). Default value: 00000000
LSM6DSV320X
Embedded advanced features register description
DS14623 - Rev 1
page 163/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com