Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 172 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 172 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 168Page - STMicroelectronics LSM6DSV320X Datasheet HTML 169Page - STMicroelectronics LSM6DSV320X Datasheet HTML 170Page - STMicroelectronics LSM6DSV320X Datasheet HTML 171Page - STMicroelectronics LSM6DSV320X Datasheet HTML 172Page - STMicroelectronics LSM6DSV320X Datasheet HTML 173Page - STMicroelectronics LSM6DSV320X Datasheet HTML 174Page - STMicroelectronics LSM6DSV320X Datasheet HTML 175Page - STMicroelectronics LSM6DSV320X Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 212 page
background image
15.3.3
EXT_3BYTE_OFFSET_XL (06h), EXT_3BYTE_OFFSET_L (07h) and EXT_3BYTE_OFFSET_H
(08h)
External sensor (3-byte output data) offset value register for the finite state machine and machine learning core
(R/W)
This register corresponds to the offset value applied to external sensor output data (3-byte) before being
processed in FSM and MLC. The value is expressed as a 24-bit word in two’s complement.
The default value of EXT_3BYTE_OFF_[23:0] is 0x3F5400, which corresponds to 4150272 LSB. This offset is
subtracted from the external output data (in LSB) before the sensitivity (configured in the
EXT_3BYTE_SENSITIVITY_L (02h) and EXT_3BYTE_SENSITIVITY_H (03h) registers) is internally applied.
Table 475. EXT_3BYTE_OFFSET_XL register
EXT_3BYTE_
OFF_7
EXT_3BYTE_
OFF_6
EXT_3BYTE_
OFF_5
EXT_3BYTE_
OFF_4
EXT_3BYTE_
OFF_3
EXT_3BYTE_
OFF_2
EXT_3BYTE_
OFF_1
EXT_3BYTE_
OFF_0
Table 476. EXT_3BYTE_OFFSET_XL register description
EXT_3BYTE_OFF_[7:0]
External sensor (3-byte output data) offset (low byte). Default value: 00000000
Table 477. EXT_3BYTE_OFFSET_L register
EXT_3BYTE_
OFF_15
EXT_3BYTE_
OFF_14
EXT_3BYTE_
OFF_13
EXT_3BYTE_
OFF_12
EXT_3BYTE_
OFF_11
EXT_3BYTE_
OFF_10
EXT_3BYTE_
OFF_9
EXT_3BYTE_
OFF_8
Table 478. EXT_3BYTE_OFFSET_L register description
EXT_3BYTE_OFF_[15:8]
External sensor (3-byte output data) offset (mid byte). Default value: 01010100
Table 479. EXT_3BYTE_OFFSET_H register
EXT_3BYTE_
OFF_23
EXT_3BYTE_
OFF_22
EXT_3BYTE_
OFF_21
EXT_3BYTE_
OFF_20
EXT_3BYTE_
OFF_19
EXT_3BYTE_
OFF_18
EXT_3BYTE_
OFF_17
EXT_3BYTE_
OFF_16
Table 480. EXT_3BYTE_OFFSET_H register description
EXT_3BYTE_OFF_[23:16]
External sensor (3-byte output data) offset (high byte). Default value: 00111111
LSM6DSV320X
Embedded advanced features register description
DS14623 - Rev 1
page 172/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com