Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV320X Datasheet(PDF) 187 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 187 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 183Page - STMicroelectronics LSM6DSV320X Datasheet HTML 184Page - STMicroelectronics LSM6DSV320X Datasheet HTML 185Page - STMicroelectronics LSM6DSV320X Datasheet HTML 186Page - STMicroelectronics LSM6DSV320X Datasheet HTML 187Page - STMicroelectronics LSM6DSV320X Datasheet HTML 188Page - STMicroelectronics LSM6DSV320X Datasheet HTML 189Page - STMicroelectronics LSM6DSV320X Datasheet HTML 190Page - STMicroelectronics LSM6DSV320X Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 212 page
background image
19
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
19.1
LGA-14L package information
Figure 32. LGA-14L 2.5 x 3.0 x 0.83 mm package outline and mechanical data
W
H
4x
(0.1)
14x
0.475±0.05
14x
0.25±0.05
0.5
Pin1 indicator
BOTTOM VIEW
TOP VIEW
1
C
0.05
C
Pin 1 indicator
Dimensions are in millimeters unless otherwise specified.
General tolerance is +/-0.1mm unless otherwise specified.
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
5
0
.
0
±
0
5
.
2
]
L
[
h
t
g
n
e
L
5
0
.
0
±
0
0
.
3
]
W
[
h
t
d
i
W
3
0
.
0
±
3
8
.
0
]
H
[
t
h
g
i
e
H
DM01021587_2
LSM6DSV320X
Package information
DS14623 - Rev 1
page 187/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com