Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
13/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
The IP1000A LF supports all of the PCI memory commands and decides on a burst-by-burst basis to
issue which command to use in order to maximize bus efficiency. The list of PCI memory commands
used by the IP1000A LF is shown below. For all commands, read and write commands are with respect
to the IP1000A LF (i.e. read implies the IP1000A LF obtains information from an off-chip location, write
implies the IP1000A LF sends information to an offchip location).
Memory Read (MR)
Memory Read Line (MRL)
Memory Read Multiple (MRM)
Memory Write (MW)
Memory Write Invalidate (MWI)
MR is used for all fetches of descriptor information. For reads of transmit frame data, MR, MRL, or MRM
is used, depending upon the remaining number of bytes in the fragment, the amount of free space in the
Transmit FIFO, and whether the Receive DMA Logic is requesting a bus master operation.
MW is used for all descriptor writes. Writes of receive frame data use either MW or MWI, depending upon
the remaining number of bytes in the fragment, the amount of frame data in the Receive FIFO, and
whether the Transmit DMA Logic is requesting a bus master operation.
The IP1000A LF provides two configuration bits to control the use of advanced memory commands. The
MwlEnable bit in the ConfigCommand register allows the host to enable or disable the use of MWI. The
MWIDisable bit in the DMACtrl register allows the host system the ability to disable the use of MWI PCI
command.
The IP1000A LF provides a set of registers that control the PCI burst behavior. These registers allow a
trade-off to be made between PCI bus efficiency and underrun/overrun frequency.
In support of bus isolation requirements for system states in which the IP1000A LF is powered down, all
IP1000A LF PCI outputs will enter the tri-state condition when the RSTN is active.
2.2.1
Reset
When the host system issues a reset to the IP1000A LF via the AsicCtrl register, a delay of at least 5ms
is required before any register access should be attempted.
2.2.2
FIFOs
The IP1000A LF uses a single configurable 32KB single-port SRAM for both the transmit and receive
FIFOs.
2.2.3
DMA
The IP1000A LF implements scatter gather Direct Memory Access (DMA) for moving data from the
IP1000A LF to/from the host’s system memory. Two independent DMA processes are used to transfer
transmit data from host system memory to the IP1000A LF (transmit DMA), and to transfer receive data
from the IP1000A LF to host system memory (receive DMA).
2.2.3.1
Transmit DMA
To utilize the IP1000A LF to transmit data onto a Gigabit Ethernet network, the data to be transmitted
must be transferred from the host’s system memory to the IP1000A LF. The data bus utilized by the
IP1000A LF for this data transfer is the PCI bus, and the method for transferring the data is DMA. The
locations within system memory which contain the data to be transmitted are indicated to the IP1000A LF
using Transmit Frame Descriptors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com