Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
7/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
PIN Description (continued)
Pin no.
Label
Type
Description
Main Clock
31
X2
O
Reference Clock.
25 MHz crystal reference.
32
X1
I
Reference Clock.
25 MHz crystal reference or oscillator input.
PCI interface
60
VDET
I
Power Detect.
The IP1000A LF detects whether PCI bus power supply is
available or not from this pin.
59
INTAN
O
Interrupt Request, asserted LOW.
The IP1000A LF asserts INTAN to request an interrupt,
when any one of the programmed interrupt event occurs.
61
RSTN
I
Reset, asserted LOW.
RSTN will cause the IP1000A LF to reset all of its functional
blocks. RSTN must be asserted for a minimum duration of
10 PCICLK cycles. While RSTN is asserted, the IP1000A
LF PCI interface is placed in an isolated state. When the
IP1000A LF PCI bus is isolated, all PCI output and
bi-directional signals are placed in a high impedance state,
and all inputs are ignored. The IP1000A LF will remain in a
reset
state
for
approximately
380ns
following
the
de-assertion of RSTN.
63
PMEN
O
Wake Event, assertion level is programmable. The
IP1000A LF asserts PMEN to signal the detection of a wake
event. The PMEN signal eventually drives the PCI bus
PME# signal, but not intended to be directly connected to
PME#. See the PCI Bus Power Management Interface
Specification for details on generating PME# from PMEN.
108
PAR
I/O
Parity.
PCI Bus parity is even across bits 0 through 31 of AD and
bits 0 through 3 of CBEN. The IP1000A LF generates PAR
during address and write data phases as a bus master, and
during read data phase as a target. It checks for correct
parity during read data phase as bus master, during every
address phase as a bus slave, and during write data phases
as a target.
100
FRAMEN
I/O
PCI Bus Cycle Frame, asserted LOW.
FRAMEN is asserted at the beginning of the address phase
of the bus transaction and de-asserted before the final
transfer of the data phase of the transaction.
102
TRDYN
I/O
Target Ready, asserted LOW.
A bus target asserts TRDYN to indicate valid read data
phases, and to indicate it is ready to accept data during
write data phases. A bus master will monitor TRDYN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com