Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
68/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
7
Switching Characteristics
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
66 MHz PCI Interface
Trc
RSTN cycle
300
ns
Trr
Rising Edge or RSTN to chip
recovery
1
µs
Tcc
PCICLK cycle
15
ns
Tch
PCICLK high
6
ns
Tcl
PCICLK low
6
ns
Trv
PCICLK rise to bused signal valid
2
6
ns
Trvp
PCICLK rise to REQN, GNTN valid
2
6
ns
Trzo
PCICLK rise to signal on
2
ns
Troz
PCICLK rise to signal off
14
ns
Tsu
bused signal setup wrt PCICLK rise
3
ns
Tsup1
GNTN setup wrt PCICLK rise
5
ns
Tsup2
REQN setup wrt PCICLK rise
5
ns
Thd
signal hold wrt PCICLK rise
0
ns
Trstoff
RSTN low to output signal float
40
ns
33MHz PCI Interface
Trc
RSTN cycle
300
ns
Trr
Rising edge or RSTN to chip
recovery
1
µs
Tcc
PCICLK cycle
30
ns
Tch
PCICLK high
11
ns
Tcl
PCICLK lwo
11
ns
Trv
PCICLK rise to bused signal valid
2
11
ns
Trvp
PCICLK rise to REQN, GNTN valid
2
12
ns
Trzo
PCICLK rise to signal on
2
ns
Troz
PCICLK rise to signal off
28
ns
Tsu
Bused signal setup wrt PCICLK rise
7
ns
Tsup1
GNTN setup wrt PCICLK rise
10
ns
Tsup2
REQN setup wrt PCICLK rise
12
ns
Thd
Signal hold wrt PCICLK rise
0
ns
Trstoff
RSTN low to output signal float
40
ns
Expansion Rom
fC
Clock Frequency for the following
instructions: FAST_READ, PP, SE,
BE, DP, RES, WREN, WRDI, RDSR,
WRSR
D.C.
25
MHz
fR
Clock Frequency for READ instructions
D.C.
20
MHz
tCH
1
Clock High Time
18
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com