Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
9/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
PIN Description (continued)
Pin no.
Label
Type
Description
PCI address/data bus
2, 3, 4, 6, 7, 9,
69, 70, 71, 72,
73, 76, 77, 79,
83, 84, 85, 86,
88, 90, 93. 95,
113, 114, 115,
116, 117, 118,
123, 124, 126,
127,
AD [31:0]
I/O
PCI Bus Address/Data.
Address and data are multiplexed on the AD pins. Bits 0
through 31 carry the lower 32 bits of the physical address
during the first clock cycle of a transaction, and carry data
during the subsequent clock cycles.
EEPROM interface / EXPANSION ROM
27
BECS
O
Boot ROM Chip Select
Note: EESK, EEDI, EEDO are shared with EEPROM
28
EECS
O
EEPROM Chip Select
Test pins
25
TEST
I,PU
Selection of internal test ( tied to ground for normal mode )
30
NC
I,PU
NC
Analog Power and Ground
47
AVCCH
Power
Analog Power 3.3V
39, 44, 53, 58 AVCC
Power
Analog Power 1.8V.
35, 38, 40,
43, 46, 49,
52, 54, 57
AVSS
Ground Analog Ground
Digital Power and Ground
11, 20, 26, 29,
66, 74, 91, 99,
111, 121
VCC2
Power
Digital I/O Power 3.3V
1, 10, 15, 24,
81, 92, 98,
106, 120
VCC1
Power
Digital Core Power 1.8V.
5, 13, 23, 33,
65, 75, 89, 97,
109, 122
VSS2
Ground Digital Ground
8, 12, 19, 64,
78, 87, 94,
110, 119, 128
VSS1
Ground Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com