Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
43/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.1.20 McstOctetRcvdOk
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xAC
Default Value ................ 0x00000000
Access Rule.................. Double Word
Width ............................ 32 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
31..0
McstOctetRcvdOk Multicast Octets Received OK is the count of the
number of data and padding octets in frames, to a
group
destination
address
other
than
the
broadcast address (0xFFFFFFFFFFFF), that are
successfully received. McstOctetRcvdOk does not
include frames received with frames too long,
FCS, length or alignment errors, or frames lost
due to internal MAC sublayer error (i.e. overrun).
McstOctetRcvdOk will wrap around to zero after
reaching 0xFFFFFFFF.
All IP1000A LF byte and octet count based
statistic registers include the VLAN tag (4 octets)
regardless of whether or not the IP1000A LF is
adding (on frame transmission) or removing (on
frame reception) the VLAN tag automatically.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
McstOctetRcvdOk
reaches
a
value
of
0xC0000000. McstOctetRcvdOk is enabled by
writing a logic 1 to the StatisticsEnable bit in the
MACCtrl
register,
and
a
logic
0
to
the
McstOctetRcvdOk bit within the StatisticsMask
register.
R/W
3.2.1.21 McstOctetXmtOk
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xD4
Default Value ................ 0x00000000
Access Rule.................. Double Word
Width ............................ 32 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
31..0
McstOctetXmtOk
Multicast Octets Transmitted OK is a count of data
and
padding
octets
of
frames
successfully
transmitted to a group destination address other
than the broadcast address (0xFFFFFFFFFFFF).
McstOctetXmtOk will wrap around to zero after
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com