Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
47/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.2
PCI Configuration Space Registers
3.2.2.1
CapId0
Class............................. PCI Configuration Registers, Power Management
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x50
Default Value ................ 0x01
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
CapId
Capabilities ID. CapId indicates the type of the
capability data structure for the IP1000A LF. CapId
is set to the value 0x01 to indicate a PCI Power
Management structure.
R
3.2.2.2
CapId1
Class............................. PCI Configuration Registers, Power Management
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x60
Default Value ................ 0x07
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
CapId
Capabilities ID. CapId indicates the type of the
capability data structure for the IP1000A LF.
R
3.2.2.3
CapPtr
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x34
Default Value ................ 0x50
Access Rule.................. Byte
Width ............................ 8 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
7..0
CapPtr
Capabilities
Pointer.
CapPtr
indicates
the
beginning of a chain of registers which describe
enhanced functions. CapPtr register returns 0x50,
which is the address of the first in a series of
power management registers.
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com