Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
41/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.1.17 MacControlFramesXmtd
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xFA
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
MacControl-
FramesXmtd
MAC Control Frames Transmitted is the count of
MAC control frames transmitted by the IP1000A
LF. Note, acControl-FramesXmtd does not include
MAC control frames transferred to the IP1000A LF
by the host system via the transmit DMA process.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
MacControlFramesXmtd
reaches
a
value
of
0xC000. MacControlFramesXmtd is enabled by
writing a logic 1 to the StatisticsEnable bit in the
MACCtrl
register,
and
a
logic
0
to
the
MacControlFramesXmtd
bit
within
the
StatisticsMask register.
R/W
3.2.1.18 McstFramesRcvdOk
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xB8
Default Value ................ 0x00000000
Access Rule.................. Double Word
Width ............................ 32 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
31..0
McstFramesRcvd
Ok
Broadcast Frames Received OK is the count of the
number of frames that are successfully received to a
group destination address other than the broadcast
address (0xFFFFFFFFFFFF). McstFramesRcvdOk
does not include frames received with frames too
long, FCS, length or alignment errors, or frames lost
due to internal MAC sublayer error (i.e. overrun).
McstFramesRcvdOk will wrap around to zero after
reaching 0xFFFFFFFF. See IEEE 802.3 Clause
30.3.1.1.21.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
McstFramesRcvdOk
reaches
a
value
of
0xC0000000. McstFramesRcvdOk is enabled by
writing a logic 1 to the StatisticsEnable bit in the
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com