Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 73Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
70/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
Tch
TXCLK high
14T
26T
ns
Tcl
TXCLK low
14T
26T
ns
Trv
TXCLK rise to TXD, TXEN valid
20
ns
Trh
TXD, TXEN hold after TXCLK rise
5
ns
MII Interface (10/100) – Receive
Tcc
RXCLK cycle
T=1 when 100Mb/s;
10 when 10Mb/s
-
40T
ns
Tch
RXCLK high
14T
26T
ns
Tcl
RXCLK low
14T
26T
ns
Tsu
RXD, RXER, RXDV setup wrt
RXCLK rise
10
20
ns
Thd
RXD, RXER, RXDV hold wrt RXCLK
rise
5
ns
GMII Interface (1000) – Transmit
Tcc
GTXCLK cycle
8
ns
Tch
GTXCLK high
7.5
8.5
ns
Tcl
GTXCLK low
7.5
8.5
ns
Trv
GTXCLK rise to TXD, TXEN valid
20
ns
Trh
TXD, TXEN hold after GTXCLK rise
5
ns
GMII Interface (1000) – Receive
Tcc
RXCLK0 cycle
-
8
ns
Tch
RXCLK0 high
7.5
8.5
ns
Tcl
RXCLK0 low
7.5
8.5
ns
Tsu
RXD, RXER, RXDV setup wrt
RXCLK0 rise
10
20
ns
Thd
RXD, RXER, RXDV hold wrt
RXCLK0 rise
5
ns
MII Interface – Management
Tcc
MDC cycle
400
-
-
ns
Tch
MDC high
160
-
ns
Tcl
MDC low
160
-
ns
Tsu
MDIO setup wrt MDC rise
10
-
ns
Thd
MDIO hold wrt MDC rise
10
-
ns
Trv
MDC rise to MDIO valid
-
20
ns
MISC Interface
Tcc
CLK125 cycle
8.0
ns
Tch
CLK125 high
4.0
ns
Tcl
CLK125 low
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com